Electronic Components Datasheet Search
  English  ▼

X  

IRKD166/14 Datasheet(PDF) 3 Page - International Rectifier

Part # IRKD166/14
Description  STANDARD RECOVERY DIODES
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IRF [International Rectifier]
Direct Link  http://www.irf.com
Logo IRF - International Rectifier

IRKD166/14 Datasheet(HTML) 3 Page - International Rectifier

  IRKD166/14 Datasheet HTML 1Page - International Rectifier IRKD166/14 Datasheet HTML 2Page - International Rectifier IRKD166/14 Datasheet HTML 3Page - International Rectifier IRKD166/14 Datasheet HTML 4Page - International Rectifier IRKD166/14 Datasheet HTML 5Page - International Rectifier IRKD166/14 Datasheet HTML 6Page - International Rectifier IRKD166/14 Datasheet HTML 7Page - International Rectifier IRKD166/14 Datasheet HTML 8Page - International Rectifier IRKD166/14 Datasheet HTML 9Page - International Rectifier Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 12 page
background image
IRK.166, .196, .236 Series
3
Bulletin I27116 rev. C 03/02
www.irf.com
Thermal and Mechanical Specifications
T
J
Max. junction operating
-40 to 150
°C
temperature range
T
stg
Max. storage temperature
-40 to 150
°C
range
RthJC Max. thermal resistance,
0.2
0.16
0.14
K/W
DC operation, per junction
junction to case
RthCS Max. thermal resistance,
0.05
K/W
Mounting surface smooth, flat and greased
case to heatsink
Per module
T
Mounting
IAP to heatsink
4 to 6
Nm
torque ± 10%
busbar to IAP
4 to 6
wt
Approximate weight
200 (7.1)
g (oz)
Case Style
New Int-A-Pak
A mounting compound is recommended and
the
torque should be rechecked after a
period of 3 hours to allow for the spread of the
compound.Lubricatedthreads.
Parameter
IRK.166
IRK.196
IRK.236
Units Conditions
Sinusoidal conduction @ TJ max.
Rectangular conduction @ TJ max.
Devices
Units
180o
120o
90o
60o
30o
180o
120o
90o
60o
30o
IRK.166
0.025
0.03
0.038
0.055
0.089
0.018
0.031
0.041
0.057
0.089
IRK.196
0.016
0.019
0.024
0.034
0.053
0.012
0.02
0.026
0.035
0.054
K/W
IRK.236
0.009
0.010
0.014
0.018
0.025
0.008
0.012
0.015
0.019
0.025
∆R Conduction (per Junction)
(The following table shows the increment of thermal resistance R
thJC when devices operate at different conduction angles than DC)
1
2
3
1
-
Module Type
2
-
Circuit Configuration
3
-
Current Rating: I
F(AV)
4
-
Voltage Code: Code x 100 = V
RRM
4
Device Code
Ordering Information Table
IRK
D
236
/
16



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com