Electronic Components Datasheet Search
  English  ▼

X  

RT2660 Datasheet(PDF) 13 Page - Richtek Technology Corporation

Part # RT2660
Description  Synchronous Step-Down Converter
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RICHTEK [Richtek Technology Corporation]
Direct Link  http://www.richtek.com
Logo RICHTEK - Richtek Technology Corporation

RT2660 Datasheet(HTML) 13 Page - Richtek Technology Corporation

Back Button RT2660 Datasheet HTML 9Page - Richtek Technology Corporation RT2660 Datasheet HTML 10Page - Richtek Technology Corporation RT2660 Datasheet HTML 11Page - Richtek Technology Corporation RT2660 Datasheet HTML 12Page - Richtek Technology Corporation RT2660 Datasheet HTML 13Page - Richtek Technology Corporation RT2660 Datasheet HTML 14Page - Richtek Technology Corporation RT2660 Datasheet HTML 15Page - Richtek Technology Corporation RT2660 Datasheet HTML 16Page - Richtek Technology Corporation RT2660 Datasheet HTML 17Page - Richtek Technology Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 18 page
background image
13
RT2660
DS2660-00
September 2015
www.richtek.com
©
Copyright 2015 Richtek Technology Corporation. All rights reserved.
is a registered trademark of Richtek Technology Corporation.
Application Information
The RT2660 employs current mode COT architecture that
provides ease of use, low external component count and
fast transient response. The Synchronous buck regulator
capable of delivering up to 6A continuous current and set
switching frequency up to 1MHz.
Some feature of Current mode COT
Effective bandwidth is very high
No slope compensation necessary
Double complex zero at half the switching frequency
term of fixed frequency peak CM converter disappears.
Operation of Current Mode COT
Referring to Figure 1, VCOMP is the amplified difference
between the reference voltage and the feedback voltage.
VCS is valley current sense voltage (sensing the inductor
current). The PWM comparator senses where the two
waveforms cross and triggers the on time generator.
tON
Time (µs)
t
Current Feedback
VCS
VCOMP
VREF
Figure 1. Current Mode COT Waveforms
Adaptive Constant On-Time Control
Adaptive on time generator makes the system operate in
fixed frequency when VIN or VOUT change. The technique
improves COT by making the one-shot on-time proportional
to VOUT and inversely proportional to VIN. In this way, an
on-time is chosen as approximately what it would be for
an ideal fixed-frequency PWM in similar input/output
voltage conditions.
The on-time calculates equation of the buck converter as
shows as follows :
OUT
ON
IN
SW
V
t
VF
Non-Droop Mode Operation
The RT2660 can be configured as a non-droop solution.
The benefit of a non-droop approach is that load regulation
is flat, therefore, in a system where tight DC tolerance is
desired, the non-droop approach is recommended. For
the Intel system agent application, non-droop is
recommended as the standard configuration. The non-
droop approach can be implemented by connecting a
resistor and a capacitor between the COMP and the VREF
pins. The purpose of the type II compensation is to obtain
high DC feedback gain while minimizing the phase delay
at unity gain cross over frequency of the converter.
The value of the resistor (RC) can be calculated using the
desired unity gain bandwidth of the converter, and the value
of the capacitor (CC) can be calculated by knowing where
the zero location is desired. The capacitor CP is optional,
but recommended. Its appropriate capacitance value can
be calculated using the desired pole location.
Figure 2 shows the basic implementation of the non-droop
mode using the RT2660.
Figure 2. Non-Droop Mode
Droop Mode Operation
The terminology for droop is the same as load line or
voltage positioning
as defined in the Intel CPU VCORE
specification. Based on the actual tolerance requirement
of the application, load-line set points can be defined to
maximize either cost savings (by reducing output
capacitors) or power reduction benefits.
Accurate droop voltage response is provided by the finite
gain of the droop amplifier. The equation for droop voltage
is shown below Equation :
Where
FSW is operate frequency.
+
-
+
-
+
-
RDS(ON)
LS
RCS
VREFIN
gm
+
-
PWM
Comparator
RC CC
CP
COMP
Driver
VREF
+
-
VREF
VOUT
SW
HS
LS
ESR
COUT
ROUT
VIN
LOUT
+
-
VREF



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com