Electronic Components Datasheet Search
  English  ▼

X  

RT2660 Datasheet(PDF) 2 Page - Richtek Technology Corporation

Part # RT2660
Description  Synchronous Step-Down Converter
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RICHTEK [Richtek Technology Corporation]
Direct Link  http://www.richtek.com
Logo RICHTEK - Richtek Technology Corporation

RT2660 Datasheet(HTML) 2 Page - Richtek Technology Corporation

  RT2660 Datasheet HTML 1Page - Richtek Technology Corporation RT2660 Datasheet HTML 2Page - Richtek Technology Corporation RT2660 Datasheet HTML 3Page - Richtek Technology Corporation RT2660 Datasheet HTML 4Page - Richtek Technology Corporation RT2660 Datasheet HTML 5Page - Richtek Technology Corporation RT2660 Datasheet HTML 6Page - Richtek Technology Corporation RT2660 Datasheet HTML 7Page - Richtek Technology Corporation RT2660 Datasheet HTML 8Page - Richtek Technology Corporation RT2660 Datasheet HTML 9Page - Richtek Technology Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 18 page
background image
2
RT2660
www.richtek.com
DS2660-00
September 2015
©
Copyright 2015 Richtek Technology Corporation. All rights reserved.
is a registered trademark of Richtek Technology Corporation.
Functional Pin Description
Pin No.
Pin Name
Pin Function
1, 2, 3,
21 (Exposed Pad)
PGND
Power Ground. Provide the ground return path for the low-side power MOSFET
and positive input of an internal amplifier for current sensing circuit. The
exposed pad must be soldered to a large PCB and connected to PGND for
minimum power dissipation.
4, 5
VIN
Power Input. Supplies the power switches of the device.
6
GND
Signal Ground. Provides the return path for control circuitry and internal
reference.
7
VREF
Reference Output. A specified 2V reference output is supplied by internal linear
regulator. Decouple with a 0.22
F capacitor between this pin and GND.
8
COMP
Compensation Node. The current comparator threshold increases with this
control voltage. Connect external compensation elements between this pin and
VREF pin to stabilize the control loop.
9
REFIN
Reference Input. The output voltage is targeted by reference input, which is
applied from 0.6V to 2V.
10
VOUT
Output Voltage Monitor Node. A negative input of the gm error amplifier and it
is allowed to be a discharge path if any protection is triggered.
11 to 15
SW
Switch Node. SW is the switching node that supplies power to the output and
connect the output LC filter from SW to the output load.
16
BOOT
Bootstrap Supply for High-Side Gate Driver. Connect a 100nF or greater
capacitor from SW to BOOT to power the high-side switch.
Pin Configurations
VQFN-20L 3.5x4
(TOP VIEW)
PGND
PGND
PGND
VIN
VIN
SW
SW
SW
SW
SW
PGND
21
16
20
17
18
19
10
9
8
7
6
11
12
13
14
15
1
2
5
4
3
Ordering Information
Note :
Richtek products are :
RoHS compliant and compatible with the current require-
ments of IPC/JEDEC J-STD-020.
Suitable for use in SnPb or Pb-free soldering processes.
Marking Information
04= : Product Code
YMDNN : Date Code
RT2660LGQV
05= : Product Code
YMDNN : Date Code
RT2660HGQV
RT2660
Package Type
QV : VQFN-20L 3.5x4 (V-Type)
Lead Plating System
G : Green (Halogen Free and Pb Free)
L : Latched OVP and UVP
H : OVP Non-latch, UVP Hiccup
05=YM
DNN
04=YM
DNN



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com