Electronic Components Datasheet Search
  English  ▼

X  

RT7249 Datasheet(PDF) 1 Page - Richtek Technology Corporation

Part # RT7249
Description  Synchronous Step-Down Converter
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RICHTEK [Richtek Technology Corporation]
Direct Link  http://www.richtek.com
Logo RICHTEK - Richtek Technology Corporation

RT7249 Datasheet(HTML) 1 Page - Richtek Technology Corporation

  RT7249 Datasheet HTML 1Page - Richtek Technology Corporation RT7249 Datasheet HTML 2Page - Richtek Technology Corporation RT7249 Datasheet HTML 3Page - Richtek Technology Corporation RT7249 Datasheet HTML 4Page - Richtek Technology Corporation RT7249 Datasheet HTML 5Page - Richtek Technology Corporation RT7249 Datasheet HTML 6Page - Richtek Technology Corporation RT7249 Datasheet HTML 7Page - Richtek Technology Corporation RT7249 Datasheet HTML 8Page - Richtek Technology Corporation RT7249 Datasheet HTML 9Page - Richtek Technology Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 17 page
background image
RT7249
®
DS7249-02 March 2017
www.richtek.com
1
Copyright 2017 Richtek Technology Corporation. All rights reserved.
is a registered trademark of Richtek Technology Corporation.
©
General Description
The RT7249 is a high efficiency, monolithic synchronous
step-downDC/DC converter with a power switch. The Buck
converter can deliver up to 3A output current from 4.5V to
18V input supply. The RT7249's current-mode architecture
and external compensation allow the transient response
to be optimized over a wide input range and loads. Cycle-
by-cycle current limit provides protections against shorted
output and soft-start eliminates input current surge during
start-up. The RT7249 also provides under-voltage protection
and thermal shutdown. PWM frequency is adjustable by
the ROSC pin and Power Switch current limit can also be
adjusted by the RLIM pin. The low current (<3
μA) in
shutdown mode provides output disconnection, enabling
easy power management in battery-powered systems. The
RT7249 is available in the WQFN-16L 4x4 package.
Simplified Application Circuit
Features
Buck Regulator

4.5V to 18V Input Voltage Range

3A Output Current

Internal N-Channel MOSFETs

Current Mode Control

Adjustable PWM Frequency

Adjustable Output from 0.8V to 15V

Adjustable Soft-Start Time

Stable with Ceramic Output Capacitors

Cycle-by-cycle Current Limit

Input Under-Voltage Lockout

Output Under-Voltage Protection

Thermal Shutdown
Power Switch

±±±±±15% Current-Limit Accuracy at 1.2A

Adjustable Current Limit : 75mA to 2580mA

Meet USB Current-Limiting Requirements

Reverse Input-Output Voltage Protection

Built-in Soft-Start

120m
Ω
Ω
Ω
Ω
Ω High-Side MOSFET

Operating Range : 2.5 V to 5.5 V
RoHS Compliant and Halogen Free
Marking Information
1A= : Product Code
YMDNN : Date Code
1A=YM
DNN
3A, 18V Synchronous Step-Down Converter with
Adjustable Current Limited Power Switch
RT7249
RLIM
FB
BOOT
LX
ROSC
VOUT
PGND
EN_SW
Enable
EN
Enable
SW_OUT
SW_OUT
VIN
SW_IN
VIN
SW_IN
COMP


Similar Part No. - RT7249

ManufacturerPart #DatasheetDescription
logo
Richtek Technology Corp...
RT7240 RICHTEK-RT7240 Datasheet
302Kb / 18P
5A, 18V, 650kHz, ACOTTM Synchronous Step-Down Converter
RT7243GQW RICHTEK-RT7243GQW Datasheet
970Kb / 10P
RT7243GQW Evaluation Board
RT7247A RICHTEK-RT7247A Datasheet
283Kb / 15P
2A, 18V, 340kHz Synchronous Step-Down Converter
RT7247AHGSP RICHTEK-RT7247AHGSP Datasheet
584Kb / 11P
Evaluation Board
RT7247B RICHTEK-RT7247B Datasheet
272Kb / 15P
2A, 18V, 1.2MHz Synchronous Step-Down Converter
More results

Similar Description - RT7249

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS548D22 TI1-TPS548D22 Datasheet
304Kb / 10P
Synchronous Step-Down Converter
TPS54227 TI1-TPS54227_15 Datasheet
999Kb / 24P
Synchronous Step-Down Converter
logo
Rohm
BD90521MUV-C ROHM-BD90521MUV-C Datasheet
2Mb / 42P
Synchronous Step-Down Converter
BD90541MUV-C ROHM-BD90541MUV-C Datasheet
2Mb / 40P
Synchronous Step-Down Converter
logo
Union Semiconductor, In...
UM3506QA UNIONSEMI-UM3506QA Datasheet
369Kb / 9P
Synchronous Step-Down Converter
logo
Richtek Technology Corp...
RT2660 RICHTEK-RT2660 Datasheet
332Kb / 18P
Synchronous Step-Down Converter
RT2856 RICHTEK-RT2856 Datasheet
308Kb / 19P
Synchronous Step-Down Converter
RT2875A RICHTEK-RT2875A Datasheet
295Kb / 16P
Synchronous Step-Down Converter
RT6204 RICHTEK-RT6204 Datasheet
1Mb / 18P
Synchronous Step-Down Converter
logo
Shenzhen Huazhimei Semi...
HM3413D HMSEMI-HM3413D Datasheet
1Mb / 14P
Synchronous Step-Down Converter
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com