Electronic Components Datasheet Search
  English  ▼

X  

RT7249 Datasheet(PDF) 13 Page - Richtek Technology Corporation

Part # RT7249
Description  Synchronous Step-Down Converter
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RICHTEK [Richtek Technology Corporation]
Direct Link  http://www.richtek.com
Logo RICHTEK - Richtek Technology Corporation

RT7249 Datasheet(HTML) 13 Page - Richtek Technology Corporation

Back Button RT7249 Datasheet HTML 9Page - Richtek Technology Corporation RT7249 Datasheet HTML 10Page - Richtek Technology Corporation RT7249 Datasheet HTML 11Page - Richtek Technology Corporation RT7249 Datasheet HTML 12Page - Richtek Technology Corporation RT7249 Datasheet HTML 13Page - Richtek Technology Corporation RT7249 Datasheet HTML 14Page - Richtek Technology Corporation RT7249 Datasheet HTML 15Page - Richtek Technology Corporation RT7249 Datasheet HTML 16Page - Richtek Technology Corporation RT7249 Datasheet HTML 17Page - Richtek Technology Corporation  
Zoom Inzoom in Zoom Outzoom out
 13 / 17 page
background image
RT7249
13
DS7249-02 March 2017
www.richtek.com
©
Copyright 2017 Richtek Technology Corporation. All rights reserved.
is a registered trademark of Richtek Technology Corporation.
Application Information
(Buck Converter)
Output Voltage Setting
The resistive divider allows the FB pin to sense the output
voltage as shown in Figure 1.
Figure 1. Output Voltage Setting
OUT
REF
R1
V
= V
1
R2




where VREF is the reference voltage (0.8V typ.).
External Bootstrap Diode
Connect a 1
μF low ESR ceramic capacitor between the
BOOT and LX pins. This capacitor provides the gate driver
voltage for the high-side MOSFET. It is recommended to
add an external bootstrap diode between an external 5V
and the BOOT pin for efficiency improvement when input
voltage is lower than 5.5V or duty ratio is higher than 65%
.The bootstrap diode can be a low cost one such as IN4148
or BAT54. The external 5V can be a 5V fixed input from
system or a 5V output of the RT7249. Note that the external
boot voltage must be lower than 5.5V.
Figure 2. External Bootstrap Diode
SS
SS
SS
SS
0.8 C
Soft-Start time t
=
, if C
capacitor
I
0.8 0.1μ
is 0.1μF, then soft-start time =
13.5ms
6μ
≒
An external MOSFET can be added to implement digital
control on the EN pin when no system voltage above 2.5V
is available, as shown in Figure 4. In this case, a 100k
Ω
pull-up resistor, REN, is connected between VIN and the
EN pin. MOSFET Q1 will be under logic control to pull
down the EN pin.
Figure 3. Enable Timing Control
Figure 4. Digital Enable Control Circuit
The output voltage is set by an external resistive voltage
divider according to the following equation :
Soft-Start
The RT7249 provides a soft-start function. The soft-start
function is used to prevent large inrush current while
converter is being powered-up. The soft-start timing can
be adjusted by the external capacitor between SS and
GND. An internal current source ISS (6
μA) charges an
external capacitor to build a soft-start ramp voltage. The
VFB voltage will track the internal ramp voltage during soft-
start interval. The typical soft-start time is calculated as
follows :
Chip Enable Operation
The EN pin is the chip enable input. Pulling the EN pin
low (<0.4V) will shut down the device. During shutdown
mode, the RT7249's quiescent current drops to lower than
3
μA. Driving the EN pin high (>2V, <5.5V) will turn on the
device again. For external timing control, the EN pin can
also be externally pulled high by adding a REN resistor
and CEN capacitor from the VIN pin (see Figure 3).
RT7249
GND
FB
R1
R2
VOUT
RT7249
EN
GND
VIN
REN
CEN
EN
RT7249
EN
GND
100k
VIN
REN
Q1
EN
SW
BOOT
5V
RT7249
0.1µF



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com