Electronic Components Datasheet Search
  English  ▼

X  

RT7249 Datasheet(PDF) 2 Page - Richtek Technology Corporation

Part # RT7249
Description  Synchronous Step-Down Converter
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RICHTEK [Richtek Technology Corporation]
Direct Link  http://www.richtek.com
Logo RICHTEK - Richtek Technology Corporation

RT7249 Datasheet(HTML) 2 Page - Richtek Technology Corporation

  RT7249 Datasheet HTML 1Page - Richtek Technology Corporation RT7249 Datasheet HTML 2Page - Richtek Technology Corporation RT7249 Datasheet HTML 3Page - Richtek Technology Corporation RT7249 Datasheet HTML 4Page - Richtek Technology Corporation RT7249 Datasheet HTML 5Page - Richtek Technology Corporation RT7249 Datasheet HTML 6Page - Richtek Technology Corporation RT7249 Datasheet HTML 7Page - Richtek Technology Corporation RT7249 Datasheet HTML 8Page - Richtek Technology Corporation RT7249 Datasheet HTML 9Page - Richtek Technology Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 17 page
background image
RT7249
2
DS7249-02 March 2017
www.richtek.com
©
Copyright 2017 Richtek Technology Corporation. All rights reserved.
is a registered trademark of Richtek Technology Corporation.
Function Pin Description
Pin No.
Pin Name
Pin Function
1
SS
Soft-start time setting. SS controls the soft-start period. Connect a capacitor from SS
to GND to set the soft-start period. An internal current source (6
A) charges 0.1F
capacitor and sets the soft-start period to 13.5ms. If SS is floating, the SS charge
current will decrease to 1/128
A and charge 30pF capacitor to set the soft-start
period to 4ms.
2
COMP
Compensation node. COMP is used to compensate the regulation control loop.
Connect a series RC network from COMP to GND. In some cases, an additional
capacitor from COMP to GND is required.
3
ROSC
Switching frequency setting.
4
RLIM
Current limit setting. Switch current limit threshold can be set by an external resistor.
Current limit value is from 75mA to 2580mA. The value of 10k
  RLIM  210k is
recommended.
5
EN_SW
Enable control input for power switch.
Applications
Wireless AP/Router
Set-Top-Boxes
Industrial and Commercial Low Power Systems
LCD Monitors and TVs
Green Electronics/Appliances
Point of Load Regulation of High-Performance DSPs
USB Bus/Self Powered Hubs
USB Peripheral Ports
ACPI Power Distribution
Battery Power Equipment
3G/3.5GData Card
Ordering Information
Note :
Richtek products are :
RoHS compliant and compatible with the current require-
ments of IPC/JEDEC J-STD-020.
Suitable for use in SnPb or Pb-free soldering processes.
RT7249
Package Type
QW : WQFN-16L 4x4 (W-Type)
Lead Plating System
G : Green (Halogen Free and Pb Free)
Pin Configuration
WQFN-16L 4x4
(TOP VIEW)
SS
COMP
ROSC
RLIM
SW_IN
BOOT
LX
FB
1
2
3
4
56
7
8
12
11
10
9
13
16
14
15
17
PGND



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com