Electronic Components Datasheet Search
  English  ▼

X  

RT8129A Datasheet(PDF) 1 Page - Richtek Technology Corporation

Part # RT8129A
Description  High Efficiency Single Synchronous Buck PWM Controller
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RICHTEK [Richtek Technology Corporation]
Direct Link  http://www.richtek.com
Logo RICHTEK - Richtek Technology Corporation

RT8129A Datasheet(HTML) 1 Page - Richtek Technology Corporation

  RT8129A Datasheet HTML 1Page - Richtek Technology Corporation RT8129A Datasheet HTML 2Page - Richtek Technology Corporation RT8129A Datasheet HTML 3Page - Richtek Technology Corporation RT8129A Datasheet HTML 4Page - Richtek Technology Corporation RT8129A Datasheet HTML 5Page - Richtek Technology Corporation RT8129A Datasheet HTML 6Page - Richtek Technology Corporation RT8129A Datasheet HTML 7Page - Richtek Technology Corporation RT8129A Datasheet HTML 8Page - Richtek Technology Corporation RT8129A Datasheet HTML 9Page - Richtek Technology Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 18 page
background image
RT8129A
Copyright © 2015 Richtek Technology Corporation. All rights reserved.
is a registered trademark of Richtek Technology Corporation.
DS8129A-01
October
2015
www.richtek.com
1
High Efficiency Single Synchronous Buck PWM Controller
General Description
The RT8129A is a high efficiency single phase
synchronous buck controller with 5V/12V supply
voltage. The RT8129A integrates a Constant-On-Time
(COT) PWM controller and a MOSFET drivers with
internal bootstrap diodes, which is specifically designed
to improve converter efficiency at light load condition.
At light load condition, it automatically operates in the
diode emulation mode to reduce switching frequency
and improve conversion efficiency.
Other
features
include
power
good
indication,
enable/disable control and internal soft-start function.
The
RT8129A
also
provide
protection
functions
including Over Voltage Protection (OVP), Under
Voltage Protection (UVP), current limit and thermal
shutdown.
This device uses lossless low-side MOSFET RDS(ON)
current sense technique for current limit with adjustable
threshold set by connecting a resistor between the
LGATE/OCSET and GND.
With
above
functions,
the
RT8129A
provides
customers a cost-effective solution for high efficiency
power conversion. The RT8129A is available in the
WDFN-10L 3x3 package.
Features
Wide Input Voltage Range : 2.5V to 25V
High Light Load Efficiency
Integrated High Driving Capability N-MOSFET
Gate
Drivers and Embedded Switching Boot Diode
Single IC Supply Voltage : 4.5V to 13.2V
Power-Good Indicator
Enable/Disable Control
Internal Soft-Start
Programmable Current Limit Threshold
Under Voltage Protection
Over Voltage Protection
Thermal Shutdown
Applications
Motherboard, Memory/Chip-set Power
Graphic Card, GPU/Memory Core Power
Low Voltage, High Current DC/DC Regulator
Marking Information
5N=YM
DNN
5N= : Product Code
YMDNN : Date Code
Simplified Application Circuit
VOUT
VCC
EN
UGATE
RT8129A
LGATE/
OCSET
FB
BOOT
PHASE
VIN
VCC
Enable
GND
PGOOD
VPGOOD


Similar Part No. - RT8129A

ManufacturerPart #DatasheetDescription
logo
Richtek Technology Corp...
RT8120 RICHTEK-RT8120 Datasheet
34Kb / 2P
Richtek Technology Corporation
RT8120 RICHTEK-RT8120 Datasheet
223Kb / 17P
Single-Phase Synchronous Buck PWM Controller
RT8120A RICHTEK-RT8120A Datasheet
223Kb / 17P
Single-Phase Synchronous Buck PWM Controller
RT8120A RICHTEK-RT8120A Datasheet
34Kb / 2P
Richtek Technology Corporation
RT8120B RICHTEK-RT8120B Datasheet
223Kb / 17P
Single-Phase Synchronous Buck PWM Controller
More results

Similar Description - RT8129A

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
UCC2540 TI-UCC2540 Datasheet
564Kb / 37P
HIGH EFFICIENCY SECONDARY SIDE SYNCHRONOUS BUCK PWM CONTROLLER
logo
Fairchild Semiconductor
FAN6520A FAIRCHILD-FAN6520A Datasheet
580Kb / 15P
Single Synchronous Buck PWM Controller
logo
Texas Instruments
UCC2541 TI-UCC2541 Datasheet
684Kb / 43P
HIGH-EFFICIENCY SYNCHRONOUS BUCK PWM CONTROLLER
logo
Fairchild Semiconductor
FAN6520A FAIRCHILD-FAN6520A_06 Datasheet
482Kb / 15P
Single Synchronous Buck PWM Controller
logo
Taiwan Semiconductor Co...
TS3404 TSC-TS3404_1 Datasheet
379Kb / 10P
Single Synchronous Buck PWM Controller
logo
Richtek Technology Corp...
RT8130B RICHTEK-RT8130B Datasheet
235Kb / 16P
12V High Efficiency Synchronous Buck PWM Controller
logo
Texas Instruments
UCC2541 TI1-UCC2541_16 Datasheet
1,014Kb / 43P
HIGH-EFFICIENCY SYNCHRONOUS BUCK PWM CONTROLLER
logo
Richtek Technology Corp...
RT8128A RICHTEK-RT8128A Datasheet
172Kb / 15P
High Efficiency Synchronous Buck PWM Controller
RT6542A RICHTEK-RT6542A Datasheet
267Kb / 15P
High Efficiency Single Synchronous Buck PWM Controller
September 2019
RT8125H RICHTEK-RT8125H Datasheet
300Kb / 18P
High Efficiency Single Synchronous Buck PWM Controller
October 2020
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com