Electronic Components Datasheet Search
  English  ▼

X  

RT8129A Datasheet(PDF) 11 Page - Richtek Technology Corporation

Part # RT8129A
Description  High Efficiency Single Synchronous Buck PWM Controller
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RICHTEK [Richtek Technology Corporation]
Direct Link  http://www.richtek.com
Logo RICHTEK - Richtek Technology Corporation

RT8129A Datasheet(HTML) 11 Page - Richtek Technology Corporation

Back Button RT8129A Datasheet HTML 7Page - Richtek Technology Corporation RT8129A Datasheet HTML 8Page - Richtek Technology Corporation RT8129A Datasheet HTML 9Page - Richtek Technology Corporation RT8129A Datasheet HTML 10Page - Richtek Technology Corporation RT8129A Datasheet HTML 11Page - Richtek Technology Corporation RT8129A Datasheet HTML 12Page - Richtek Technology Corporation RT8129A Datasheet HTML 13Page - Richtek Technology Corporation RT8129A Datasheet HTML 14Page - Richtek Technology Corporation RT8129A Datasheet HTML 15Page - Richtek Technology Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 18 page
background image
RT8129A
Copyright © 2015 Richtek Technology Corporation. All rights reserved.
is a registered trademark of Richtek Technology Corporation.
DS8129A-01
October
2015
www.richtek.com
11
Power On from VCC
Time (1ms/Div)
VCC
(5V/Div)
VOUT
(500mV/Div)
PHASE
(10V/Div)
PGOOD
(10V/Div)
VIN = 12V, VOUT = 1.2V, No Load
Power Off from VCC
Time (5ms/Div)
VCC
(5V/Div)
VOUT
(500mV/Div)
PHASE
(10V/Div)
PGOOD
(10V/Div)
VIN = 12V, VOUT = 1.2V, Load = 100mA
VIN = 12V, VCC = 5V
Load Transient Response
Time (20µs/Div)
ILoad
(10A/Div)
VOUT
(30mV/Div)
PHASE
(10V/Div)
LGATE
(10V/Div)
VOUT = 1.2V, Load = 0.1 to 10A
Load Transient Response
Time (20µs/Div)
ILoad
(10A/Div)
VOUT
(30mV/Div)
PHASE
(10V/Div)
LGATE
(10V/Div)
VIN = 12V, VCC = 5V
VOUT = 1.2V, Load = 10 to 0.1A
VIN = 12V, VCC = 5V, VOUT = 1.2V, No Load
OVP
Time (50µs/Div)
PGOOD
(10V/Div)
FB
(500mV/Div)
PHASE
(10V/Div)
LGATE
(10V/Div)
UVP
Time (20µs/Div)
PGOOD
(10V/Div)
VOUT
(500mV/Div)
PHASE
(10V/Div)
LGATE
(10V/Div)
VIN = 12V, VCC = 5V, VOUT = 1.2V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com