Electronic Components Datasheet Search
  English  ▼

X  

RT8129A Datasheet(PDF) 3 Page - Richtek Technology Corporation

Part # RT8129A
Description  High Efficiency Single Synchronous Buck PWM Controller
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RICHTEK [Richtek Technology Corporation]
Direct Link  http://www.richtek.com
Logo RICHTEK - Richtek Technology Corporation

RT8129A Datasheet(HTML) 3 Page - Richtek Technology Corporation

  RT8129A Datasheet HTML 1Page - Richtek Technology Corporation RT8129A Datasheet HTML 2Page - Richtek Technology Corporation RT8129A Datasheet HTML 3Page - Richtek Technology Corporation RT8129A Datasheet HTML 4Page - Richtek Technology Corporation RT8129A Datasheet HTML 5Page - Richtek Technology Corporation RT8129A Datasheet HTML 6Page - Richtek Technology Corporation RT8129A Datasheet HTML 7Page - Richtek Technology Corporation RT8129A Datasheet HTML 8Page - Richtek Technology Corporation RT8129A Datasheet HTML 9Page - Richtek Technology Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 18 page
background image
RT8129A
Copyright © 2015 Richtek Technology Corporation. All rights reserved.
is a registered trademark of Richtek Technology Corporation.
DS8129A-01
October
2015
www.richtek.com
3
Function Block Diagram
COMP
VREF
S1
Q
Latch
S1
Q
Latch
+
-
OV
-
+
UV
125% VREF
75% VREF
Thermal
Shutdown
ASM
FB
UGATE
PHASE
GND
LGATE/OCSET
BOOT
EN
R
Q
S
+
-
VCC
PHASE
SS
LDO&
POR
REF
VREF
+
-
Sample
and Hold
10µA
gm
VCC
+
-
PGOOD
PGOOD
Monitor
±10% VREF
Min TOFF
1-Shot
Trigger
TON Generator
1-Shot
Trigger
Operation
The RT8129A integrates a Constant-On-Time (COT)
PWM controller and MOSFET driver so that the
external circuit is easily designed and the components
are reduced.
The controller provides the PWM signal which relies on
the FB voltage comparing with internal reference
voltage. The synchronous UGATE driver is turned on at
the beginning of each cycle. After the internal one-shot
timer expires, the UGATE driver will be turned off. The
pulse width of this one-shot is determined by the
controller's input voltage and the output voltage to keep
the frequency fairly constant over the input voltage and
output
voltage
range.
Another
one-shot
sets
a
minimum off-time.
Enable
The RT8129A remains in shutdown if the EN pin
voltage is lower than 0.8V. When the EN pin voltage
rises above the2V, the RT8129A will begin a new
initialization and soft-start cycle.
PGOOD
The power good output is an open-drain architecture,
and it requires a pull-up resistor. During soft-start
process, PGOOD is actively held low and is allowed to
be pulled high after soft start process is completed and
no protection occur. In addition, if the FB pin voltage is
higher than 110% of VREF or lower than 90% of VREF
during
operation,
PGOOD
will
be
pulled
low
immediately.
Soft-Start
An internal current source charges an internal capacitor
to build the soft-start ramp voltage.
The output voltage will track the internal ramp voltage
during soft-start interval. The typical soft-start time is
2ms.
Current Limit
The current
limit circuit employs a unique “valley”
current sensing algorithm. If the magnitude of the
current sense signal at PHASE is above the current
limit threshold, the PWM is not allowed to initiate a new
cycle. Thus, the current to the load exceeds the
average output inductor current, the output voltage falls
and eventually crosses the under-voltage protection
threshold, inducing IC shutdown.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com