Electronic Components Datasheet Search
  English  ▼

X  

M1350 Datasheet(PDF) 3 Page - List of Unclassifed Manufacturers

Part # M1350
Description  SYNC RGB LED IC
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

M1350 Datasheet(HTML) 3 Page - List of Unclassifed Manufacturers

  M1350 Datasheet HTML 1Page - List of Unclassifed Manufacturers M1350 Datasheet HTML 2Page - List of Unclassifed Manufacturers M1350 Datasheet HTML 3Page - List of Unclassifed Manufacturers M1350 Datasheet HTML 4Page - List of Unclassifed Manufacturers M1350 Datasheet HTML 5Page - List of Unclassifed Manufacturers M1350 Datasheet HTML 6Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 3 / 6 page
background image
SYNC
同步
RGB LED IC
三色燈 LED IC
3/
6
2004-09-17
LED FLASH
M1350
TAIPEI : TEL : 886-2- 22783733
FAX : 886-2- 22783633
H.K.
: TEL : 852-
27569109
FAX : 852-
27566961
一華半導體股份有限公司
MOSDESIGN SEMICONDUCTOR CORP.
* M1350A:同步同色跳閃+同步同色順序跳閃+同步同色反向跳閃+七彩漸明漸暗
PATTERN 1:同步同色跳閃 ( 快速:4 SEC 慢速:8 SEC at AC 60Hz )
P/N
MODE
SW2
SW1
SW0
M1350A-1
1
VSS
VSS
VSS
M1350A-2
2
VSS
VSS
X
M1350A-3
3
VSS
X
VSS
M1350A-4
4
VSS
X
X
M1350A-5
5
X
VSS
VSS
M1350A-6
6
X
VSS
X
M1350A-7
7
X
X
VSS
M1350A-8
8
X
X
X
M1350A-4
AC
H
N
M1350A-1
H
N
M1350A-2
H
N
M1350A-3
M1350A-5
M1350A-6
H
N
H
N
H
N
M1350A-7
H
N
H
N
M1350A-8
SW0
SW1
SW2
SW0
SW1
SW2
SW0
SW1
SW2
SW0
SW1
SW2
SW0
SW1
SW2
SW0
SW1
SW2
SW0
SW1
SW2
SW0
SW1
SW2
1
2
3
4
5
6
7
8



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com