Electronic Components Datasheet Search
  English  ▼

X  

M1350 Datasheet(PDF) 1 Page - List of Unclassifed Manufacturers

Part # M1350
Description  SYNC RGB LED IC
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

M1350 Datasheet(HTML) 1 Page - List of Unclassifed Manufacturers

  M1350 Datasheet HTML 1Page - List of Unclassifed Manufacturers M1350 Datasheet HTML 2Page - List of Unclassifed Manufacturers M1350 Datasheet HTML 3Page - List of Unclassifed Manufacturers M1350 Datasheet HTML 4Page - List of Unclassifed Manufacturers M1350 Datasheet HTML 5Page - List of Unclassifed Manufacturers M1350 Datasheet HTML 6Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
SYNC
同步
RGB LED IC
三色燈 LED IC
1/
6
2004-09-17
LED FLASH
M1350
TAIPEI : TEL : 886-2- 22783733
FAX : 886-2- 22783633
H.K.
: TEL : 852-
27569109
FAX : 852-
27566961
一華半導體股份有限公司
MOSDESIGN SEMICONDUCTOR CORP.
FEATURES 功能敘述
• SW0 ~ SW2:8 start address (8 燈起始色選擇).
• PS0 ~ PS3:4 options control independent pattern (4 種變化選擇).
• SP:Speed select (速度選擇).
SP=OPEN :快速.
SP=VSS:慢速.
• Power-on while automatic synchronous an LEDs.
• Can be cascaded in daisy chain fashion in wave of the different color.
APPLICATION 產品應用
• LED color mixer lamp etc..
ELECTRICAL CHARACTERISTICS 電氣規格
( @V
DD=4.5 V unless otherwise specified )
Characteristics
Sym.
Min.
Typ.
Max.
Unit
REMARKS
工作電壓 Operating Voltage
V
DD
2.4
4.5
6
V
工作電流 Operating Current
I
OP
─
0.5
─
mA
No load
推動電流 Driving Sink Current
I
OL
15
─
─
mA
@V
DS = 1.2 V
推動電流 Driving Source Current
I
Oh
20
─
─
mA
@V
SD = 1.2 V
振盪頻率 Oscillator Frequency
F
LED
─
6.0
─
MHz
±30% TOL.
工作溫度 Operating Temperature
Temp.
0
25
70
℃
APPLICATION DIAGRAM 參考電路圖
〈一〉12V APPLICATION
P/N
起始位址
FUNCTION
M1350A
8 種
同步同色跳閃+同步同色順序跳閃+
同步同色反向跳閃+七彩漸明漸暗
M1350B
8 種
同步同色跳閃+同步 8 色順序跳閃
+同步 8 色反向跳閃+七彩漸明漸暗(飄)
AC
H
N
M1350P
2MΩ
VDD
BL
ZC
VSS
SW0
SW1
SW2
GL
PS0
PS2
X
VDD
RL
PS1
PS3
15P
H
N
470uF
62Ω /1W
560KΩ
0.68uF/250V
1
120K
4
W
Ω
10KΩ
/16V
12V/1W
3KΩ
1
18
9
10
Y
SP
1K
4.7V
10KΩ
1K
1K
1K
104
POR


Similar Part No. - M1350

ManufacturerPart #DatasheetDescription
logo
Alpha Wire
M13502 ALPHAWIRE-M13502 Datasheet
408Kb / 4P
18 (16/30) AWG Tinned Copper
M13505 ALPHAWIRE-M13505 Datasheet
408Kb / 4P
18 (19/30) AWG Tinned Copper
M13507 ALPHAWIRE-M13507 Datasheet
408Kb / 4P
18 (19/30) AWG Tinned Copper
M13509 ALPHAWIRE-M13509 Datasheet
408Kb / 4P
18 (19/30) AWG Tinned Copper
More results

Similar Description - M1350

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
M1346 ETC-M1346 Datasheet
745Kb / 3P
VDD CONTROL RGB LED IC
M1347 ETC-M1347 Datasheet
150Kb / 2P
RGB LED IC
M1348 ETC-M1348 Datasheet
117Kb / 9P
SYNC RGB LED IC
logo
MOSDESIGN SEMICONDUCTOR...
M1346 MOSDESIGN-M1346 Datasheet
216Kb / 3P
VDD CONTROL RGB LED IC
2011-10-21
M1348 MOSDESIGN-M1348 Datasheet
237Kb / 9P
SYNC RGB LED IC
2006-05-24
M1349 MOSDESIGN-M1349 Datasheet
27Kb / 2P
RGB LED IC
2005-06-01
M1358 MOSDESIGN-M1358 Datasheet
170Kb / 3P
AC Application SYNC RGB LED IC
12/11/08
M1359 MOSDESIGN-M1359 Datasheet
252Kb / 6P
DC APPLICATION SYNC RGB LED IC
2009-05-20
M1360 MOSDESIGN-M1360 Datasheet
32Kb / 2P
HIGH VOLTAGE SYNC RGB LED IC
2005-04-28
M1361 MOSDESIGN-M1361 Datasheet
145Kb / 2P
HIGH VOLTAGE RGB LED IC
2011-07-27
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com