Electronic Components Datasheet Search
  English  ▼

X  

M1350 Datasheet(PDF) 2 Page - List of Unclassifed Manufacturers

Part # M1350
Description  SYNC RGB LED IC
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

M1350 Datasheet(HTML) 2 Page - List of Unclassifed Manufacturers

  M1350 Datasheet HTML 1Page - List of Unclassifed Manufacturers M1350 Datasheet HTML 2Page - List of Unclassifed Manufacturers M1350 Datasheet HTML 3Page - List of Unclassifed Manufacturers M1350 Datasheet HTML 4Page - List of Unclassifed Manufacturers M1350 Datasheet HTML 5Page - List of Unclassifed Manufacturers M1350 Datasheet HTML 6Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 2 / 6 page
background image
SYNC
同步
RGB LED IC
三色燈 LED IC
2/
6
2004-09-17
LED FLASH
M1350
TAIPEI : TEL : 886-2- 22783733
FAX : 886-2- 22783633
H.K.
: TEL : 852-
27569109
FAX : 852-
27566961
一華半導體股份有限公司
MOSDESIGN SEMICONDUCTOR CORP.
〈二〉162 LEDs APPLICATION
*All specs and applications shown above subject to change without prior notice.
( 以上電路及規格僅供參考,本公司得逕行修正 )
H
N
M1350P
2MΩ
BL
ZC
VSS
SW0
SW1
SW2
GL
PS0
PS2
X
VDD
RL
PS1
PS3
15P
H
N
560KΩ
2uF/400V
20KΩ
12V/1W
10KΩ
3KΩ
1
18
9
10
Y
SP
VDD
2K
2K
2K
4.7uF/400V
220V
120KΩ
IN4007
2KΩ
2KΩ
2KΩ
2KΩ
1
2
9
10
10uF/16V
78L05
IN
OUT
GND
104
470Ω
1
2
3
52
53
54
330Ω
330Ω
470Ω
KSP42-333 KSP42-333 KSP42-333
1
2
3
47Ω
47Ω
1
2
3
52
53
54
52
53
54
POR



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com