Electronic Components Datasheet Search
  English  ▼

X  

1035162 Datasheet(PDF) 2 Page - SICK AG

Part # 1035162
Description  MOTOR FEEDBACK SYSTEMS ROTARY INCREMENTAL WITH COMMUTATION
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SICK [SICK AG]
Direct Link  http://www.sick.com/
Logo SICK - SICK AG

1035162 Datasheet(HTML) 2 Page - SICK AG

  1035162 Datasheet HTML 1Page - SICK AG 1035162 Datasheet HTML 2Page - SICK AG 1035162 Datasheet HTML 3Page - SICK AG 1035162 Datasheet HTML 4Page - SICK AG 1035162 Datasheet HTML 5Page - SICK AG 1035162 Datasheet HTML 6Page - SICK AG 1035162 Datasheet HTML 7Page - SICK AG  
Zoom Inzoom in Zoom Outzoom out
 2 / 7 page
background image
A
B
C
D
E
F
H
I
J
K
L
M
N
O
P
Q
R
S
T
CKS36-AFB40003 | CKS36
MOTOR FEEDBACK SYSTEMS ROTARY INCREMENTAL WITH COMMUTATION
Illustration may differ
Ordering information
Type
Part no.
CKS36-AFB40003
1035162
Other models and accessories
www.sick.com/CKS36
Detailed technical data
Performance
Number of the absolute ascertainable revo-
lutions
1
Number of lines per revolution
1,024
Measuring step
90° /number of lines
Commutation signals
3 pole pairs (according to EIA 422)
Zero pulse width
90°
Reference signal, number
1
Reference signal, position
90° or 180° configurable, electric, gated with A and B
Error limits
± 0.09°
Measuring step deviation
± 0.035°
Operating speed
12,000 
min⁻¹, working speed up to which the output signals are correct
Interfaces
Communication interface
TTL/RS422
Electrical data
Supply voltage range
4.5 V DC ... 5.5 V DC
Operating power consumption (no load)
< 60 mA 1)
Maximum output frequency
≤ 400 kHz
1) Without load.
Mechanical data
Shaft version
Tapered shaft
Flange type / stator coupling
Spring mounting plate
Dimensions
See dimensional drawing
Weight
0.065 kg
Moment of inertia of the rotor
4.5 gcm²
Operating speed
120,000 
min⁻¹ 1)
Angular acceleration
≤ 500,000 rad/s²
Operating torque
0.2 Ncm
Start up torque
0.3 Ncm
1) Self warming of 1.1 K per 1000 revolutions/min when applying note working temperature range.
2
MOTOR FEEDBACK SYSTEMS | SICK
Online data sheet | 2017-07-07 18:51:26
Subject to change without notice



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com