Electronic Components Datasheet Search
  English  ▼

X  

1035162 Datasheet(PDF) 4 Page - SICK AG

Part # 1035162
Description  MOTOR FEEDBACK SYSTEMS ROTARY INCREMENTAL WITH COMMUTATION
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SICK [SICK AG]
Direct Link  http://www.sick.com/
Logo SICK - SICK AG

1035162 Datasheet(HTML) 4 Page - SICK AG

  1035162 Datasheet HTML 1Page - SICK AG 1035162 Datasheet HTML 2Page - SICK AG 1035162 Datasheet HTML 3Page - SICK AG 1035162 Datasheet HTML 4Page - SICK AG 1035162 Datasheet HTML 5Page - SICK AG 1035162 Datasheet HTML 6Page - SICK AG 1035162 Datasheet HTML 7Page - SICK AG  
Zoom Inzoom in Zoom Outzoom out
 4 / 7 page
background image
A
B
C
D
E
F
H
I
J
K
L
M
N
O
P
Q
R
S
T
CKS36-AFB40003 | CKS36
MOTOR FEEDBACK SYSTEMS ROTARY INCREMENTAL WITH COMMUTATION
Dimensional drawing (Dimensions in mm (inch))
General tolerances according to DIN ISO 2768-mk
A
40–2 (1.57)
7.2
(0.28)
5
(0.20)
3
(0.12)
1:3
8
(0.31)
1.5
(0.06)
Ma 4 Nm
Ø 45 (1.77)
Ø 38 (1.50)
lense screw M3 x 8 (2 x) DIN 7985
with torx head
thread tapped to DIN 7500
Proposed fitting
General tolerances according to DIN ISO 2768-mk
All dimensions in mm (inch)
2
(0.08)
3.4
(0.13)
Rz 6.3
(0.25)
1:3
0.02 A
0.1
A
0.4
(0.02)
7.4+0.2
(0.29)
13 (0.51)
10 (0.39)
A
PIN assignment
1
20
19
18
17
16
15
14
13
12
11
10
9
8
7
6
5
4
3
2
4
MOTOR FEEDBACK SYSTEMS | SICK
Online data sheet | 2017-07-07 18:51:26
Subject to change without notice



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com