Electronic Components Datasheet Search
  English  ▼

X  

1035162 Datasheet(PDF) 5 Page - SICK AG

Part # 1035162
Description  MOTOR FEEDBACK SYSTEMS ROTARY INCREMENTAL WITH COMMUTATION
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SICK [SICK AG]
Direct Link  http://www.sick.com/
Logo SICK - SICK AG

1035162 Datasheet(HTML) 5 Page - SICK AG

  1035162 Datasheet HTML 1Page - SICK AG 1035162 Datasheet HTML 2Page - SICK AG 1035162 Datasheet HTML 3Page - SICK AG 1035162 Datasheet HTML 4Page - SICK AG 1035162 Datasheet HTML 5Page - SICK AG 1035162 Datasheet HTML 6Page - SICK AG 1035162 Datasheet HTML 7Page - SICK AG  
Zoom Inzoom in Zoom Outzoom out
 5 / 7 page
background image
CKS36-AFB40003 | CKS36
MOTOR FEEDBACK SYSTEMS ROTARY INCREMENTAL WITH COMMUTATION
Diagram
At constant speed, looking at the input shaft, and clockwise rotation
T
tx1 tx2 tx3 tx4
90 %
10 %
A
A
B
B
Z
Z
A + B
Time
At constant rotational speed with regard to the input shaft and rotation in clockwise direction.
By connecting the two signals A and B, an output signal arises whose period durations tx1 ... tx4 have varying lengths.
The differences are determined:
• by the pulse/pause ratio tolerance of the individual channels
• by the tolerance in the 90° phase shift between A and B
• by the frequency
The times tx1 ... tx4 ideally have to amount to 1/4 of the particular period duration T. The typical output frequency of the encoder is
Recommended accessories
Other models and accessories
www.sick.com/CKS36
Brief description
Type
Part no.
Other mounting accessories
Mounting tools
BEF-MW-SKX36
2031079
Plug connectors and cables
Head A: female connector, stranded cable, 14-pin, straight
Head B: cable
Cable: Incremental, unshielded, 0.2 m
DOL-1J14-G0M2XB7
6030948
Head A: female connector, JST, 8-pin, straight
Head B: male connector, M23, 17-pin, straight
Cable: Incremental, unshielded, 1 m
DSL-2317-G01MJB7
2071332
Head A: female connector, terminal box, 8-pin, straight
Head B: male connector, M23, 17-pin, straight
Cable: Incremental, unshielded, 1 m
DSL-2317-G01MJC7
2071331
2017-07-07 18:51:26 | Online data sheet
Subject to change without notice
MOTOR FEEDBACK SYSTEMS | SICK
5



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com