Electronic Components Datasheet Search
  English  ▼

X  

MAX1920 Datasheet(PDF) 3 Page - Maxim Integrated Products

Part # MAX1920
Description  PLASTIC ENCAPSULATED DEVICES
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX1920 Datasheet(HTML) 3 Page - Maxim Integrated Products

  MAX1920 Datasheet HTML 1Page - Maxim Integrated Products MAX1920 Datasheet HTML 2Page - Maxim Integrated Products MAX1920 Datasheet HTML 3Page - Maxim Integrated Products MAX1920 Datasheet HTML 4Page - Maxim Integrated Products MAX1920 Datasheet HTML 5Page - Maxim Integrated Products MAX1920 Datasheet HTML 6Page - Maxim Integrated Products MAX1920 Datasheet HTML 7Page - Maxim Integrated Products MAX1920 Datasheet HTML 8Page - Maxim Integrated Products  
Zoom Inzoom in Zoom Outzoom out
 3 / 8 page
background image
II. Manufacturing Information
A. Description/Function:
Low-Voltage, 400mA Step-Down DC-DC Converters in SOT23
B. Process:
B8
C. Number of Device Transistors:
1467
D. Fabrication Location:
California, USA
E. Assembly Location:
Philippines, Malaysia or Thailand
F. Date of Initial Production:
January, 2002
III. Packaging Information
A. Package Type:
6-Lead SOT23
B. Lead Frame:
Copper
C. Lead Finish:
Solder Plate
D. Die Attach:
Non-Conductive Epoxy
E. Bondwire:
Gold (1.3 mil dia.)
F. Mold Material:
Epoxy with silica filler
G. Assembly Diagram:
# 05-3501-0021
H. Flammability Rating:
Class UL94-V0
I.
Classification of Moisture Sensitivity
per JEDEC standard JESD22-A112:
Level 1
IV. Die Information
A. Dimensions:
60 x 41 mils
B. Passivation:
Si3N4/SiO2 (Silicon nitride/ Silicon dioxide)
C. Interconnect:
Aluminum/Copper/Silicon
D. Backside Metallization:
None
E. Minimum Metal Width:
.8 microns (as drawn)
F. Minimum Metal Spacing:
.8 microns (as drawn)
G. Bondpad Dimensions:
5 mil. Sq.
H. Isolation Dielectric:
SiO2
I. Die Separation Method:
Wafer Saw



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com