Electronic Components Datasheet Search
  English  ▼

X  

MAX1920 Datasheet(PDF) 6 Page - Maxim Integrated Products

Part # MAX1920
Description  PLASTIC ENCAPSULATED DEVICES
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX1920 Datasheet(HTML) 6 Page - Maxim Integrated Products

  MAX1920 Datasheet HTML 1Page - Maxim Integrated Products MAX1920 Datasheet HTML 2Page - Maxim Integrated Products MAX1920 Datasheet HTML 3Page - Maxim Integrated Products MAX1920 Datasheet HTML 4Page - Maxim Integrated Products MAX1920 Datasheet HTML 5Page - Maxim Integrated Products MAX1920 Datasheet HTML 6Page - Maxim Integrated Products MAX1920 Datasheet HTML 7Page - Maxim Integrated Products MAX1920 Datasheet HTML 8Page - Maxim Integrated Products  
Zoom Inzoom in Zoom Outzoom out
 6 / 8 page
background image
Attachment #1
TABLE II. Pin combination to be tested. 1/ 2/
1/ Table II is restated in narrative form in 3.4 below.
2/ No connects are not to be tested.
3/ Repeat pin combination I for each named Power supply and for ground
(e.g., where VPS1 is VDD, VCC, VSS, VBB, GND, +VS, -VS, VREF, etc).
3.4
Pin combinations to be tested.
a.
Each pin individually connected to terminal A with respect to the device ground pin(s) connected
to terminal B. All pins except the one being tested and the ground pin(s) shall be open.
b.
Each pin individually connected to terminal A with respect to each different set of a combination
of all named power supply pins (e.g., VSS1, or VSS2 or VSS3 or VCC1, or VCC2) connected to
terminal B. All pins except the one being tested and the power supply pin or set of pins shall be
open.
c.
Each input and each output individually connected to terminal A with respect to a combination of
all the other input and output pins connected to terminal B. All pins except the input or output pin
being tested and the combination of all the other input and output pins shall be open.
Terminal A
(Each pin individually
connected to terminal A
with the other floating)
Terminal B
(The common combination
of all like-named pins
connected to terminal B)
1.
All pins except VPS1 3/
All VPS1 pins
2.
All input and output pins
All other input-output pins
Mil Std 883D
Method 3015.7
Notice 8
REGULATED
HIGH VOLTAGE
SUPPLY
TERMINAL D
DUT
SOCKET
TERMINAL C
TERMINAL B
TERMINAL A
CURRENT
PROBE
(NOTE 6)
R = 1.5k
Ω
C = 100pf
SHORT
R2
S2
S1
R1
C1



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com