Electronic Components Datasheet Search
  English  ▼

X  

MAX1920 Datasheet(PDF) 4 Page - Maxim Integrated Products

Part # MAX1920
Description  PLASTIC ENCAPSULATED DEVICES
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX1920 Datasheet(HTML) 4 Page - Maxim Integrated Products

  MAX1920 Datasheet HTML 1Page - Maxim Integrated Products MAX1920 Datasheet HTML 2Page - Maxim Integrated Products MAX1920 Datasheet HTML 3Page - Maxim Integrated Products MAX1920 Datasheet HTML 4Page - Maxim Integrated Products MAX1920 Datasheet HTML 5Page - Maxim Integrated Products MAX1920 Datasheet HTML 6Page - Maxim Integrated Products MAX1920 Datasheet HTML 7Page - Maxim Integrated Products MAX1920 Datasheet HTML 8Page - Maxim Integrated Products  
Zoom Inzoom in Zoom Outzoom out
 4 / 8 page
background image
V. Quality Assurance Information
A. Quality Assurance Contacts:
Jim Pedicord
(Reliablity Lab Manager)
Bryan Preeshl
(Executive Director of QA)
Kenneth Huening
(Vice President)
B. Outgoing Inspection Level: 0.1% for all electrical parameters guaranteed by the Datasheet.
0.1% For all Visual Defects.
C. Observed Outgoing Defect Rate: < 50 ppm
D. Sampling Plan: Mil-Std-105D
VI. Reliability Evaluation
A. Accelerated Life Test
The results of the 135
°C biased (static) life test are shown in Table 1. Using these results, the Failure
Rate (
λ) is calculated as follows:
λ =
1
=
1.83
(Chi square value for MTTF upper limit)
MTTF
192 x 4389 x 134 x 2
Thermal acceleration factor assuming a 0.8eV activation energy
λ = 8.10 x 10-9
λ= 8.10 F.I.T. (60% confidence level @ 25°C)
This low failure rate represents data collected from Maxim’s reliability qualification and monitor programs.
Maxim also performs weekly Burn-In on samples from production to assure the reliability of its processes. The
reliability required for lots which receive a burn-in qualification is 59 F.I.T. at a 60% confidence level, which equates
to 3 failures in an 80 piece sample. Maxim performs failure analysis on lots exceeding this level. The following
Burn-In Schematic (Spec. #06-5924) shows the static circuit used for this test. Maxim also performs 1000 hour
life test monitors quarterly for each process. This data is published in the Product Reliability Report (RR-1M).
B. Moisture Resistance Tests
Maxim evaluates pressure pot stress from every assembly process during qualification of each new
design.
Pressure Pot testing must pass a 20% LTPD for acceptance.
Additionally, industry standard
85
°C/85%RH or HAST tests are performed quarterly per device/package family.
C. E.S.D. and Latch-Up Testing
The PM02 die type has been found to have all pins able to withstand a transient pulse of 1000V, per Mil-
Std-883 Method 3015 (reference attached ESD Test Circuit).
Latch-Up testing has shown that this device
withstands a current of
±250mA.



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com