Electronic Components Datasheet Search
  English  ▼

X  

MAX7383AXVB Datasheet(PDF) 4 Page - Maxim Integrated Products

Part # MAX7383AXVB
Description  Silicon Oscillator with Low-Power Frequency Switching
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX7383AXVB Datasheet(HTML) 4 Page - Maxim Integrated Products

  MAX7383AXVB Datasheet HTML 1Page - Maxim Integrated Products MAX7383AXVB Datasheet HTML 2Page - Maxim Integrated Products MAX7383AXVB Datasheet HTML 3Page - Maxim Integrated Products MAX7383AXVB Datasheet HTML 4Page - Maxim Integrated Products MAX7383AXVB Datasheet HTML 5Page - Maxim Integrated Products MAX7383AXVB Datasheet HTML 6Page - Maxim Integrated Products MAX7383AXVB Datasheet HTML 7Page - Maxim Integrated Products MAX7383AXVB Datasheet HTML 8Page - Maxim Integrated Products  
Zoom Inzoom in Zoom Outzoom out
 4 / 8 page
background image
Silicon Oscillator with Low-Power
Frequency Switching
4
_______________________________________________________________________________________
SUPPLY CURRENT vs. SUPPLY VOLTAGE
SUPPLY VOLTAGE (V)
5.1
4.7
4.3
3.9
3.5
3.1
2.0
2.5
3.0
3.5
4.0
1.5
2.7
5.5
FREQUENCY = 11.0592MHz
FREQUENCY DEVIATION
vs. SUPPLY VOLTAGE
SUPPLY VOLTAGE (V)
5.1
4.7
3.1
3.5
3.9
4.3
-1.5
-1.0
-0.5
0
0.5
1.0
1.5
2.0
-2.0
2.7
5.5
FREQUENCY = 11.0592MHz
FREQUENCY DEVIATION
vs. TEMPERATURE
TEMPERATURE (
°C)
97
59
-17
21
-3
-2
-1
0
1
2
3
4
-4
-55
135
FREQUENCY = 10MHz
CHANNEL 1 = CLOCK, CHANNEL 2 = VCC
10
µs/div
SETTLING TIME FROM START
MAX7383 toc07
CH1 FREQ
9.992MHz
LOW RESOLUTION
CLOCK OUTPUT WAVEFORM
(CL = 10pF)
MAX7383 toc08
20ns/div
CLOCK OUTPUT WAVEFORM
(CL = 10pF)
MAX7383 toc09
20ns/div
Typical Operating Characteristics (continued)
(VCC = VL = 5V, TA = +25°C, frequency = 10MHz, unless otherwise noted.)
CLOCK OUTPUT WAVEFORM
(CL = 100pF)
MAX7383 toc10
20ns/div
SUPPLY CURRENT vs. FREQUENCY
FREQUENCY (MHz)
15
14
13
12
11
2
3
4
5
1
10
16
CHANNEL 1 = CLOCK, CHANNEL 2 = SPEED
10
µs/div
HIGH-SPEED TO LOW-SPEED
TRANSITION
MAX7383 toc12



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com