Electronic Components Datasheet Search
  English  ▼

X  

MAX7383AXVB Datasheet(PDF) 6 Page - Maxim Integrated Products

Part # MAX7383AXVB
Description  Silicon Oscillator with Low-Power Frequency Switching
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX7383AXVB Datasheet(HTML) 6 Page - Maxim Integrated Products

  MAX7383AXVB Datasheet HTML 1Page - Maxim Integrated Products MAX7383AXVB Datasheet HTML 2Page - Maxim Integrated Products MAX7383AXVB Datasheet HTML 3Page - Maxim Integrated Products MAX7383AXVB Datasheet HTML 4Page - Maxim Integrated Products MAX7383AXVB Datasheet HTML 5Page - Maxim Integrated Products MAX7383AXVB Datasheet HTML 6Page - Maxim Integrated Products MAX7383AXVB Datasheet HTML 7Page - Maxim Integrated Products MAX7383AXVB Datasheet HTML 8Page - Maxim Integrated Products  
Zoom Inzoom in Zoom Outzoom out
 6 / 8 page
background image
Detailed Description
The MAX7383 is a dual-speed clock generator for
microcontrollers (µCs) and UARTs in 3V, 3.3V, and 5V
applications. The MAX7383 is a replacement for two
crystal-oscillator modules, crystals, or ceramic res-
onators. The high-speed clock frequency is factory
trimmed to specific values. A variety of popular stan-
dard frequencies are available. The low-speed clock
frequency is fixed at 32.768kHz. See Table 1. No exter-
nal components are required for setting or adjusting the
frequency.
Oscillator
The push-pull clock output drives a load to within
400mV of either supply rail. The clock output remains
stable over the full operating voltage range and does
not generate short output cycles during either power-on
or changing of the frequency. A typical oscillating start-
up is shown in the Typical Operating Characteristics.
Clock-Speed Selection
Drive SPEED low to select slow clock speed (nominally
32.768kHz) or high to select full clock speed. SPEED can
be connected to VCC or to GND to select fast or slow
clock speed, or connected to a logic output (such as a
µP GPIO port) used to change clock speed on the fly. If
SPEED is connected to a µP GPIO port, connect a pullup
or pulldown resistor to set the clock to the preferred
speed on power-up. SPEED input bias current is 2µA
max, so a resistor value as high as 500k
Ω can be used.
Applications Information
Interfacing to a Microcontroller
Clock Input
The MAX7383 clock output is a push-pull, CMOS, logic
output that directly drives a µP or µC clock input. There
are no impedance-matching issues when using the
MAX7383. Refer to the microcontroller data sheet for
clock input compatibility with external clock signals.
The MAX7383 requires no biasing components or load
capacitance. When using the MAX7383 to retrofit a
crystal oscillator, remove all biasing components from
the oscillator input.
Output Jitter
The MAX7383’s jitter performance is given in the
Electrical Characteristics table as a peak-to-peak value
obtained by observing the output of the MAX7383 for
20s with a 12GHz oscilloscope. Jitter measurements
are approximately proportional to the period of the out-
put of the device. Thus, a 10MHz device has approxi-
mately twice the jitter value of a 20MHz device. The
jitter performance of all clock sources degrades in the
presence of mechanical and electrical interference.
The MAX7383 is relatively immune to vibration, shock,
and EMI influences and thus provides a considerably
Silicon Oscillator with Low-Power
Frequency Switching
6
_______________________________________________________________________________________
MAX7383
CLOCK
10MHz TO
32MHz
(HF OSCILLATOR)
UVLO
VCC
GND
32kHz
(LF OSCILLATOR)
LOGIC
MUX
SPEED
Figure 1. Functional Diagram
SUFFIX
STANDARD FREQUENCY (MHz)
UK
10
UT
11.0592
VB
12
VT
14.7456
WB
16
YN
32
Table 1. Standard Frequencies
For all other frequency options, contact factory.
PART
FREQUENCY
(MHz)
TOP MARK
MAX7383AXUK
10
AEVN
MAX7383AXUT
11.0592
AEVO
MAX7383AXVB
12
AEVP
MAX7383AXVT
14.7456
AEVQ
MAX7383AXWB
16
AEVT
MAX7383AXYN*
32
AEVS
Table 2. Standard Part Numbers
*Contact factory for availability.



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com