Electronic Components Datasheet Search
  English  ▼

X  

MAX7383AXVB Datasheet(PDF) 7 Page - Maxim Integrated Products

Part # MAX7383AXVB
Description  Silicon Oscillator with Low-Power Frequency Switching
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX7383AXVB Datasheet(HTML) 7 Page - Maxim Integrated Products

  MAX7383AXVB Datasheet HTML 1Page - Maxim Integrated Products MAX7383AXVB Datasheet HTML 2Page - Maxim Integrated Products MAX7383AXVB Datasheet HTML 3Page - Maxim Integrated Products MAX7383AXVB Datasheet HTML 4Page - Maxim Integrated Products MAX7383AXVB Datasheet HTML 5Page - Maxim Integrated Products MAX7383AXVB Datasheet HTML 6Page - Maxim Integrated Products MAX7383AXVB Datasheet HTML 7Page - Maxim Integrated Products MAX7383AXVB Datasheet HTML 8Page - Maxim Integrated Products  
Zoom Inzoom in Zoom Outzoom out
 7 / 8 page
background image
more robust clock source than crystal or ceramic res-
onator-based oscillator circuits.
Initial Power-Up and Operation
An internal-undervoltage lockout function holds the
clock output low until the supply voltage has risen
above 2.5V. The clock output then starts at the frequen-
cy selected by SPEED.
Extended Temperature Operation
The MAX7383 was tested to +135
°C during product char-
acterization and shown to function normally at this tem-
perature (see the Typical Operating Characteristics).
However, production test and qualification is only per-
formed from -40
°C to +125°C at this time. Contact the fac-
tory if operation outside this range is required.
Power-Supply Considerations
The MAX7383 operates with power-supply voltages
from 2.7V and 5.5V. Good power-supply decoupling is
needed to maintain the power-supply rejection perfor-
mance of the MAX7383. Bypass VCC to GND with a
0.1µF surface-mount ceramic capacitor. Mount the
bypassing capacitor as close to the device as possible.
Use a larger value of bypass capacitor recommended
if the MAX7383 is to operate with a large capacitive
load. Use a bypass capacitor value of at least 1000
times that of the output load capacitance.
Chip Information
TRANSISTOR COUNT: 2937
PROCESS: BiCMOS
Silicon Oscillator with Low-Power
Frequency Switching
_______________________________________________________________________________________
7
GND
VCC
SPEED
1
5
E.C.
CLOCK
MAX7383
SOT23
TOP VIEW
2
34
Pin Configuration



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com