Electronic Components Datasheet Search
  English  ▼

X  

MAX7382CMVT Datasheet(PDF) 3 Page - Maxim Integrated Products

Part # MAX7382CMVT
Description  Silicon Oscillator with Reset Output
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX7382CMVT Datasheet(HTML) 3 Page - Maxim Integrated Products

  MAX7382CMVT Datasheet HTML 1Page - Maxim Integrated Products MAX7382CMVT Datasheet HTML 2Page - Maxim Integrated Products MAX7382CMVT Datasheet HTML 3Page - Maxim Integrated Products MAX7382CMVT Datasheet HTML 4Page - Maxim Integrated Products MAX7382CMVT Datasheet HTML 5Page - Maxim Integrated Products MAX7382CMVT Datasheet HTML 6Page - Maxim Integrated Products MAX7382CMVT Datasheet HTML 7Page - Maxim Integrated Products MAX7382CMVT Datasheet HTML 8Page - Maxim Integrated Products  
Zoom Inzoom in Zoom Outzoom out
 3 / 8 page
background image
Silicon Oscillator with Reset Output
_______________________________________________________________________________________
3
ELECTRICAL CHARACTERISTICS (continued)
(Typical Operating Circuit, VCC = 2.7V to 5.5V, VL = VCC, TA = -40°C to +125°C. Typical values are at VCC = 5.0V, TA = +25°C,
unless otherwise noted.) (Note 1)
PARAMETER
SYMBOL
CONDITIONS
MIN
TYP
MAX
UNITS
Output Jitter
Observation of 16MHz for 20s using a
12GHz oscilloscope
80
psP-P
Output Rise Time
tR
10% to 90%
5
ns
Output Fall Time
tF
90% to 10%
5
ns
TA = +25°C
-2
+2
Power-On-Reset Threshold
VTH
VCC rising, deviation
from nominal threshold
TA = -40°C to
+125°C
-5
+5
%
Reset Hysteresis
HYST
Difference between rising and falling
thresholds
1%
Power-On-Reset Delay
PORDLY
VCC rising from 0 to 5V in 1µs at +25
°C
122
µs
RESET OUTPUT
VL = 4.5V, ISOURCE = 7.0mA
VCC -
0.4
Output High Voltage
(Note 3)
VOH
VL = 2.7V, ISOURCE = 2.0mA
VCC -
0.4
V
VL = 4.5V, ISINK = 20mA
0.4
Output Low Voltage
VOL
VL = 2.7V, ISOURCE = 10mA
0.4
V
Note 1: All parameters tested at TA = +25°C. Specifications over temperature are guaranteed by design.
Note 2: Guaranteed by design. Not production tested.
Note 3: For push-pull output only.



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com