Electronic Components Datasheet Search
  English  ▼

X  

MAX7382CMVT Datasheet(PDF) 5 Page - Maxim Integrated Products

Part # MAX7382CMVT
Description  Silicon Oscillator with Reset Output
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX7382CMVT Datasheet(HTML) 5 Page - Maxim Integrated Products

  MAX7382CMVT Datasheet HTML 1Page - Maxim Integrated Products MAX7382CMVT Datasheet HTML 2Page - Maxim Integrated Products MAX7382CMVT Datasheet HTML 3Page - Maxim Integrated Products MAX7382CMVT Datasheet HTML 4Page - Maxim Integrated Products MAX7382CMVT Datasheet HTML 5Page - Maxim Integrated Products MAX7382CMVT Datasheet HTML 6Page - Maxim Integrated Products MAX7382CMVT Datasheet HTML 7Page - Maxim Integrated Products MAX7382CMVT Datasheet HTML 8Page - Maxim Integrated Products  
Zoom Inzoom in Zoom Outzoom out
 5 / 8 page
background image
Silicon Oscillator with Reset Output
_______________________________________________________________________________________
5
CLOCK OUTPUT WAVEFORM
(CL = 100pF)
MAX7382 toc10
20ns/div
MAXIMUM TRANSIENT DURATION
vs. RESET THRESHOLD OVERDRIVE
RESET THRESHOLD OVERDRIVE (V)
0.19
0.14
0.09
100m
10m
1m
0.01
0.1
1
1
µ
0.04
0.24
VRESET = 4.32V
SUPPLY CURRENT
vs. FREQUENCY
FREQUENCY (MHz)
15
14
13
12
11
2
3
4
5
1
10
16
Typical Operating Characteristics (continued)
(VCC = VL = 5V, TA = +25°C, frequency = 10MHz, unless otherwise noted.)
Pin Description
PIN
NAME
FUNCTION
1
CLOCK
Push-Pull Clock Output
2
GND
Ground
3
RST
Reset Output. Open-drain or push-pull output. See the Ordering Information.
4VCC
Positive Supply Voltage. Bypass with a 0.1µF capacitor to GND.
5
E.C.
Externally Connected. Connect to Vcc.
Detailed Description
The MAX7382 is a clock generator with integrated reset
for microcontrollers (µCs) and UARTs in 3V, 3.3V, and
5V applications. The MAX7382 is a replacement for
crystal-oscillator modules, crystals, or ceramic res-
onators, and a system reset IC. The clock frequency
and reset threshold voltage are factory trimmed to spe-
cific values. A variety of popular standard frequencies
are available; see Table 2. No external components are
required for setting or adjusting the frequency.
Oscillator
The push-pull clock output drives a load to within
400mV of either supply rail. The clock output remains
stable over the full operating voltage range and does
not generate short output cycles during either power-on
or changing of the frequency. A typical oscillating start-
up is shown in the Typical Operating Characteristics.



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com