Electronic Components Datasheet Search
  English  ▼

X  

MAX7382CMVT Datasheet(PDF) 7 Page - Maxim Integrated Products

Part # MAX7382CMVT
Description  Silicon Oscillator with Reset Output
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX7382CMVT Datasheet(HTML) 7 Page - Maxim Integrated Products

  MAX7382CMVT Datasheet HTML 1Page - Maxim Integrated Products MAX7382CMVT Datasheet HTML 2Page - Maxim Integrated Products MAX7382CMVT Datasheet HTML 3Page - Maxim Integrated Products MAX7382CMVT Datasheet HTML 4Page - Maxim Integrated Products MAX7382CMVT Datasheet HTML 5Page - Maxim Integrated Products MAX7382CMVT Datasheet HTML 6Page - Maxim Integrated Products MAX7382CMVT Datasheet HTML 7Page - Maxim Integrated Products MAX7382CMVT Datasheet HTML 8Page - Maxim Integrated Products  
Zoom Inzoom in Zoom Outzoom out
 7 / 8 page
background image
Silicon Oscillator with Reset Output
_______________________________________________________________________________________
7
Initial Power-Up and Operation
An internal power-up reset holds the clock output low
until the supply voltage has risen above the power-on-
reset threshold (VTH+).
RST holds the microcontroller in a reset condition until
120µs after the clock has started up. This reset delay
ensures that the clock output and the microcontroller’s
internal clock circuits have stabilized before the system
is allowed to start. Typical microcontroller reset delay
ranges from 1ms to 250ms to allow a slow crystal oscil-
lator circuit to start up. The MAX7382 has a fast startup,
eliminating the need for such a long reset delay.
Extended Temperature Operation
The MAX7382 was tested to +135
°C during product char-
acterization and shown to function normally at this tem-
perature (see the Typical Operating Characteristics).
However, production test and qualification is only per-
formed from -40
°C to +125°C at this time. Contact the fac-
tory if operation outside this range is required.
Power-Supply Considerations
The MAX7382 operates with a 2.7V and 5.5V power-
supply voltage. Good power-supply decoupling is
needed to maintain the power-supply rejection perfor-
mance of the MAX7382. Bypass VCC to GND with a
0.1µF surface-mount ceramic capacitor. Mount the
bypassing capacitor as close to the device as possible.
If possible, mount the MAX7382 close to the microcon-
troller’s decoupling capacitor so that additional decou-
pling is not required. Use a larger value of bypass
capacitor recommended if the MAX7382 is to operate
with a large capacitive load. Use a bypass capacitor
value of at least 1000 times that of the output load
capacitance.
GND
VCC
RST
1
5
E.C.
CLOCK
MAX7382
SOT23
TOP VIEW
2
34
Pin Configuration
Chip Information
TRANSISTOR COUNT: 2937
PROCESS: BiCMOS



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com