Electronic Components Datasheet Search
  English  ▼

X  

AX8052F131 Datasheet(PDF) 13 Page - ON Semiconductor

Part # AX8052F131
Description  SoC Ultra-Low Power RF-Microcontroller
PDF  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

AX8052F131 Datasheet(HTML) 13 Page - ON Semiconductor

Back Button AX8052F131 Datasheet HTML 9Page - ON Semiconductor AX8052F131 Datasheet HTML 10Page - ON Semiconductor AX8052F131 Datasheet HTML 11Page - ON Semiconductor AX8052F131 Datasheet HTML 12Page - ON Semiconductor AX8052F131 Datasheet HTML 13Page - ON Semiconductor AX8052F131 Datasheet HTML 14Page - ON Semiconductor AX8052F131 Datasheet HTML 15Page - ON Semiconductor AX8052F131 Datasheet HTML 16Page - ON Semiconductor AX8052F131 Datasheet HTML 17Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 30 page
background image
AX8052F131
www.onsemi.com
13
Table 13. MICROCONTROLLER
Symbol
Description
Condition
Min
Typ
Max
Units
TSYSCLKL
SYSCLK Low
27
ns
TSYSCLKH
SYSCLK High
21
ns
TSYSCLKP
SYSCLK Period
47
ns
TFLWR
FLASH Write Time
2 Bytes
20
ms
TFLPE
FLASH Page Erase
1 kBytes
2
ms
TFLE
FLASH Secure Erase
64 kBytes
10
ms
TFLEND
FLASH Endurance: Erase Cycles
10 000
100 000
Cycles
TFLRETroom
FLASH Data Retention
25°C
See Figure 3 for the lower limit
set by the memory qualification
100
Years
TFLREThot
85°C
See Figure 3 for the lower limit
set by the memory qualification
10
Figure 3. FLASH Memory Qualification Limit for Data Retention after 10k Erase Cycles
10
100
1000
10000
100000
15
25
35
45
55
65
75
85
Temperature [5C]



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com