Electronic Components Datasheet Search
  English  ▼

X  

AX8052F131 Datasheet(PDF) 2 Page - ON Semiconductor

Part # AX8052F131
Description  SoC Ultra-Low Power RF-Microcontroller
PDF  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

AX8052F131 Datasheet(HTML) 2 Page - ON Semiconductor

  AX8052F131 Datasheet HTML 1Page - ON Semiconductor AX8052F131 Datasheet HTML 2Page - ON Semiconductor AX8052F131 Datasheet HTML 3Page - ON Semiconductor AX8052F131 Datasheet HTML 4Page - ON Semiconductor AX8052F131 Datasheet HTML 5Page - ON Semiconductor AX8052F131 Datasheet HTML 6Page - ON Semiconductor AX8052F131 Datasheet HTML 7Page - ON Semiconductor AX8052F131 Datasheet HTML 8Page - ON Semiconductor AX8052F131 Datasheet HTML 9Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 30 page
background image
AX8052F131
www.onsemi.com
2
• 44 mA @ 15 dBm, 868 Mhz
• Wide Variety of Shaped Modulations Supported
(ASK, PSK, OQPSK, MSK, FSK, GFSK, 4−FSK)
• Flexible Shaping for the Modulations
• Data Rates
♦ 1 to 350 kbps for FSK, MSK
♦ 1 to 2000 kbps for ASK
♦ 10 to 2000 kbps for PSK
• Fully Integrated RF Frequency Synthesizer with
Ultra−fast Settling Time for Low−power Consumption
• RF Carrier Frequency and FSK Deviation
Programmable in 1Hz Steps
• 802.15.4 Compatible
• Few External Components
• Channel Hopping up to 2000 hops/s
• Up to +16 dBm at 433 MHz Programmable Transmitter
Power Amplifier for Long Range Operation
• Crystal Oscillator with Programmable
Transconductance and Programmable Internal Tuning
Capacitors for Low Cost Crystals
• Differential Antenna Pins
• Dual Frequency Registers
• Internally Generated Coding for Forward Vitebri Error
Correction
• Software Compatible to AX5031
Applications
400 − 470 MHz and 800 − 940 MHz Data Transmission in
the Short Range Devices (SRD) Band
• Suited for Systems targeting Compliance to
EN 300 220 Wide Band, FCC Part 15.247 and FCC
Part 15.249
• Suited for Systems targeting Compliance with Wireless
M−Bus S/T Mode
• 802.15.4 Compatible
• Telemetric Applications, Sensor Readout
• Toys
• Wireless Audio
• Automatic Meter Reading
• Wireless Networks
• Remote Keyless Entry
• Access Control
• Garage Door Openers
• Home Automation
• Pointing Devices and Keyboards
• Active RFID



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com