Electronic Components Datasheet Search
  English  ▼

X  

AX8052F131 Datasheet(PDF) 18 Page - ON Semiconductor

Part # AX8052F131
Description  SoC Ultra-Low Power RF-Microcontroller
PDF  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

AX8052F131 Datasheet(HTML) 18 Page - ON Semiconductor

Back Button AX8052F131 Datasheet HTML 14Page - ON Semiconductor AX8052F131 Datasheet HTML 15Page - ON Semiconductor AX8052F131 Datasheet HTML 16Page - ON Semiconductor AX8052F131 Datasheet HTML 17Page - ON Semiconductor AX8052F131 Datasheet HTML 18Page - ON Semiconductor AX8052F131 Datasheet HTML 19Page - ON Semiconductor AX8052F131 Datasheet HTML 20Page - ON Semiconductor AX8052F131 Datasheet HTML 21Page - ON Semiconductor AX8052F131 Datasheet HTML 22Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 18 / 30 page
background image
AX8052F131
www.onsemi.com
18
Table 15. POWER MANAGEMENT
PCON
register
Name
Description
00
RUNNING
The microcontroller and all peripherals are running. Current consumption depends on the system clock
frequency and the enabled peripherals and their clock frequency.
01
STANDBY
The microcontroller is stopped. All register and memory contents are retained. All peripherals continue to
function normally. Current consumption is determined by the enabled peripherals. STANDBY is exited
when any of the enabled interrupts become active.
10
SLEEP
The microcontroller and its peripherals, except GPIO and the system controller, are shut down. Their regis-
ter settings are lost. The internal RAM is retained. The external RAM is split into two 4 kByte blocks. Soft-
ware can determine individually for both blocks whether contents of that block are to be retained or lost.
SLEEP can be exited by any of the enabled GPIO or system controller interrupts. For most applications
this will be a GPIO or wakeup timer interrupt.
11
DEEPSLEEP
The microcontroller, all peripherals and the transceiver are shut down. Only 4 bytes of scratch RAM are
retained. DEEPSLEEP can only be exited by tying the PB3 pin low.
Clocking
Figure 6. Clock System Diagram
LPOSC
Calib
FRCOSC
Calib
Wakeup
Timer
WDT
Clock
Monitor
Prescaler
÷1,2,4,...
FRCOSC
XOSC
LPXOSC
LPOSC
Interrupt
Internal Reset
SYSCLK
System Clock
The system clock can be derived from any of the following
clock sources:
• The crystal oscillator (RF reference oscillator, typically
16 MHz, via SYSCLK)
• The low speed crystal oscillator (typical 32 kHz tuning
fork)
• The internal high speed RC (20 MHz) oscillator
• The internal low power (640 Hz/10 kHz) oscillator
An additional pre−scaler allows the selected oscillator to
be divided by a power of two. After reset, the
microcontroller starts with the internal high speed RC
oscillator selected and divided by two. I.e. at start−up, the
microcontroller runs with 10 MHz
± 10%. Clocks may be
switched any time by writing to the CLKCON register. In
order to prevent clock glitches, the switching takes
approximately 2·(T1+T2), where T1 and T2 are the periods



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com