Electronic Components Datasheet Search
  English  ▼

X  

MIC2168 Datasheet(PDF) 6 Page - Micrel Semiconductor

Part # MIC2168
Description  1MHZ PWM SYNCHRONOUS BUCK CONTROL IC
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICREL [Micrel Semiconductor]
Direct Link  http://www.micrel.com
Logo MICREL - Micrel Semiconductor

MIC2168 Datasheet(HTML) 6 Page - Micrel Semiconductor

Back Button MIC2168 Datasheet HTML 2Page - Micrel Semiconductor MIC2168 Datasheet HTML 3Page - Micrel Semiconductor MIC2168 Datasheet HTML 4Page - Micrel Semiconductor MIC2168 Datasheet HTML 5Page - Micrel Semiconductor MIC2168 Datasheet HTML 6Page - Micrel Semiconductor MIC2168 Datasheet HTML 7Page - Micrel Semiconductor MIC2168 Datasheet HTML 8Page - Micrel Semiconductor MIC2168 Datasheet HTML 9Page - Micrel Semiconductor MIC2168 Datasheet HTML 10Page - Micrel Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 14 page
background image
MIC2168
Micrel
M9999-111803
6
November 2003
Functional Description
The MIC2168 is a voltage mode, synchronous step-down
switching regulator controller designed for high output power
without the use of an external sense resistor. It includes an
internal soft-start function which reduces the power supply
input surge current at start-up by controlling the output
voltage rise time, a PWM generator, a reference voltage, two
MOSFET drivers, and short-circuit current limiting circuitry to
form a complete 1MHz switching regulator.
Theory of Operation
The MIC2168 is a voltage mode step-down regulator. The
figure above illustrates the block diagram for the voltage
control loop. The output voltage variation due to load or line
changes will be sensed by the inverting input of the
transconductance error amplifier via the feedback resistors
R3, and R2 and compared to a reference voltage at the non-
inverting input. This will cause a small change in the DC
voltage level at the output of the error amplifier which is the
input to the PWM comparator. The other input to the com-
parator is a 0 to 1V triangular waveform. The comparator
generates a rectangular waveform whose width t
ON is equal
to the time from the start of the clock cycle t
0 until t1, the time
the triangle crosses the output waveform of the error ampli-
fier. To illustrate the control loop, let us assume the output
voltage drops due to sudden load turn-on, this would cause
Functional Diagram
Current Limit
Reference
Current Limit
Comparator
Error
Amp
Low-Side
Driver
High-Side
Driver
PWM
Comparator
FB
COMP
GND
LSD
VREF +3%
VREF 3%
HSD
VDD
CBST
CS
VDD
5V
5V
5V
C2
C1
R1
5V
0.8V
VIN
SW
Q2
Q1
L1
Driver
Logic
0.8V
BG Valid
Clamp &
Startup
Current
Enable
Error
Loop
Hys
Comparator
5V LDO
Bandgap
Reference
Soft-Start &
Digital Delay
Counter
MIC2168
Ramp
Clock
BOOST
R2
R3
4
Ω
RSW
RCS
COUT
VOUT
CIN
D1
MIC2168 Block Diagram
the inverting input of the error amplifier which is divided down
version of V
OUT to be slightly less than the reference voltage
causing the output voltage of the error amplifier to go high.
This will cause the PWM comparator to increase t
ON time of
the top side MOSFET, causing the output voltage to go up
and bringing V
OUT back in regulation.
Soft-Start
The COMP/EN pin on the MIC2168 is used for the following
three functions:
1. Disables the part by grounding this pin
2. External compensation to stabilize the voltage
control loop
3. Soft-start
For better understanding of the soft-start feature, let’s as-
sume V
IN = 12V, and the MIC2168 is allowed to power-up by
un-grounding the COMP/EN pin. The COMP pin has an
internal 8.5
µA current source that charges the external com-
pensation capacitor. As soon as this voltage rises to 180mV
(t = Cap_COMP
× 0.18V/8.5µA), the MIC2168 allows the
internal V
DD linear regulator to power up and as soon as it
crosses the undervoltage lockout of 2.6V, the chip’s internal
oscillator starts switching. At this point in time, the COMP pin
current source increases to 40
µA and an internal 11-bit
counter starts counting which takes approximately 2ms to
complete. During counting, the COMP voltage is clamped at



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com