Electronic Components Datasheet Search
  English  ▼

X  

MIC2168 Datasheet(PDF) 5 Page - Micrel Semiconductor

Part # MIC2168
Description  1MHZ PWM SYNCHRONOUS BUCK CONTROL IC
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICREL [Micrel Semiconductor]
Direct Link  http://www.micrel.com
Logo MICREL - Micrel Semiconductor

MIC2168 Datasheet(HTML) 5 Page - Micrel Semiconductor

  MIC2168 Datasheet HTML 1Page - Micrel Semiconductor MIC2168 Datasheet HTML 2Page - Micrel Semiconductor MIC2168 Datasheet HTML 3Page - Micrel Semiconductor MIC2168 Datasheet HTML 4Page - Micrel Semiconductor MIC2168 Datasheet HTML 5Page - Micrel Semiconductor MIC2168 Datasheet HTML 6Page - Micrel Semiconductor MIC2168 Datasheet HTML 7Page - Micrel Semiconductor MIC2168 Datasheet HTML 8Page - Micrel Semiconductor MIC2168 Datasheet HTML 9Page - Micrel Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 14 page
background image
November 2003
5
M9999-111803
MIC2168
Micrel
Typical Characteristics
V
IN = 5V
0.5
0.7
0.9
1.1
1.3
1.5
1.7
1.9
2.1
2.3
2.5
2.7
2.9
-40 -20 0 20 40 60 80 100120140
TEMPERATURE (
°C)
PWM Mode Supply Current
vs. Temperature
0.5
1.0
1.5
2.0
0
5
10
15
SUPPLY VOLTAGE (V)
PWM Mode Supply Current
vs. Supply Voltage
0.780
0.785
0.790
0.795
0.800
0.805
0.810
0.815
0.820
0
5
10
15
V
IN (V)
V
FB
Line Regulation
0.780
0.785
0.790
0.795
0.800
0.805
0.810
0.815
0.820
-60 -30
0
30
60
90 120 150
TEMPERATURE (
°C)
V
FB
vs. Temperature
0
1
2
3
4
5
6
0
5
10
15
V
IN (V)
V
DD
Line Regulation
4.85
4.87
4.89
4.91
4.93
4.95
4.97
4.99
5.01
0
5
10
15
20
25
30
LOAD CURRENT (mA)
V
DD
Load Regulation
0.0
0.5
1.0
1.5
2.0
2.5
3.0
3.5
4.0
4.5
5.0
-60 -30
0
30
60
90 120 150
TEMPERATURE (
°C)
V
DD
Line Regulation
vs. Temperature
800
850
900
950
1000
1050
1100
1150
1200
-60 -30
0
30
60
90 120 150
TEMPERATURE (
°C)
Oscillator Frequency
vs. Temperature
-1.5
-1.0
-0.5
0
0.5
1.0
1.5
0
5
10
15
SUPPLY VOLTAGE (V)
Oscillator Frequency
vs. Supply Voltage
0
1
2
3
4
02468
10
I
LOAD (A)
Current Limit Foldback
R
CS = 1kΩ
Top MOSFET = Si4800
100
120
140
160
180
200
220
240
-60 -30
0
30
60
90 120 150
TEMPERATURE (
°C)
Overcurrent Trip Point
vs. Temperature



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com