Electronic Components Datasheet Search
  English  ▼

X  

MIC2168 Datasheet(PDF) 4 Page - Micrel Semiconductor

Part # MIC2168
Description  1MHZ PWM SYNCHRONOUS BUCK CONTROL IC
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICREL [Micrel Semiconductor]
Direct Link  http://www.micrel.com
Logo MICREL - Micrel Semiconductor

MIC2168 Datasheet(HTML) 4 Page - Micrel Semiconductor

  MIC2168 Datasheet HTML 1Page - Micrel Semiconductor MIC2168 Datasheet HTML 2Page - Micrel Semiconductor MIC2168 Datasheet HTML 3Page - Micrel Semiconductor MIC2168 Datasheet HTML 4Page - Micrel Semiconductor MIC2168 Datasheet HTML 5Page - Micrel Semiconductor MIC2168 Datasheet HTML 6Page - Micrel Semiconductor MIC2168 Datasheet HTML 7Page - Micrel Semiconductor MIC2168 Datasheet HTML 8Page - Micrel Semiconductor MIC2168 Datasheet HTML 9Page - Micrel Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 14 page
background image
MIC2168
Micrel
M9999-111803
4
November 2003
Parameter
Condition
Min
Typ
Max
Units
Error Amplifier
DC Gain
70
dB
Transconductance
1ms
Soft-Start
Soft-Start Current
After timeout of internal timer. See
“Soft-Start” section.
8.5
µA
Current Sense
CS Over Current Trip Point
V
CS = VIN –0.25V
160
200
240
µA
Temperature Coefficient
+1800
ppm/
°C
Output Fault Correction Thresholds
Upper Threshold, V
FB_OVT
(relative to V
FB)+3
%
Lower Threshold, V
FB_UVT
(relative to V
FB)
–3%
Gate Drivers
Rise/Fall Time
Into 3000pF at V
IN > 5V
30
ns
Output Driver Impedance
Source, V
IN = 5V
6
Ω
Sink, V
IN = 5V
6
Ω
Source, V
IN = 3V
10
Ω
Sink, V
IN = 3V
10
Ω
Driver Non-Overlap Time
Note 6
10
20
ns
Notes:
5.
Specification for packaged product only.
6.
Guaranteed by design.
Electrical Characteristics(5)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com