Electronic Components Datasheet Search
  English  ▼

X  

MIC5159 Datasheet(PDF) 7 Page - Micrel Semiconductor

Part # MIC5159
Description  PROGRAMMABLE CURRENT LIMIT UCAP LDO REGULATOR CONTROLLER
PDF  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICREL [Micrel Semiconductor]
Direct Link  http://www.micrel.com
Logo MICREL - Micrel Semiconductor

MIC5159 Datasheet(HTML) 7 Page - Micrel Semiconductor

Back Button MIC5159 Datasheet HTML 3Page - Micrel Semiconductor MIC5159 Datasheet HTML 4Page - Micrel Semiconductor MIC5159 Datasheet HTML 5Page - Micrel Semiconductor MIC5159 Datasheet HTML 6Page - Micrel Semiconductor MIC5159 Datasheet HTML 7Page - Micrel Semiconductor MIC5159 Datasheet HTML 8Page - Micrel Semiconductor MIC5159 Datasheet HTML 9Page - Micrel Semiconductor MIC5159 Datasheet HTML 10Page - Micrel Semiconductor MIC5159 Datasheet HTML 11Page - Micrel Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 23 page
background image
April 2004
7
M9999-041204
MIC5159
Micrel
Applications Information
The MIC5159 is a high performance voltage regulator con-
troller. When used with an external P-Channel MOSFET and
a tiny ceramic output capacitor, it forms a wide variety of
simple, inexpensive ultra-low-dropout voltage regulators.
Current Sense Resistor Selection
A current sense resistor placed between the input and the
current sense pin (IS) allows for programmability of the
current limit. This resistor can simply be calculated by:
R
50mV
I
SENSE
OUT
=


Where I
OUT is the maximum output current.
For example, the current sense resistor for a 2.5V
IN to
1.8V
OUT, 5A, linear regulator calculates as follows:
R
50mV
5A
SENSE =


R
SENSE = 10mΩ
P-Channel MOSFET Selection
The P-Channel MOSFET selected for use with the MIC5159
must satisfy the following requirements:
• Input voltage
• Gate threshold
• Load current
• Dropout voltage (input-to-output differential)
• Thermal performance
To prevent damage to the P-Channel MOSFET, the maxi-
mum input voltage (V
IN(max)) must be less than its drain-
source breakdown voltage (BV
DS). In addition, the minimum
input voltage (V
IN(min)) must be greater than or equal to the
gate threshold voltage (V
GS) of the P-Channel MOSFET. For
a given output current and dropout requirement, the ON-
resistance (R
DS(ON)) of the P-Channel MOSFET must also
be determined. The minimum R
DS(ON) of the P-Channel
MOSFET is calculated as follows:
R
V(
V
I(
R
DS(ON)
IN
OUT
OUT
SENSE
=
−
()


−
min)
max)
Where I
OUT(max) is the maximum output current and RSENSE
is the current sense resistor.
For example, the MIC5159-1.8BM6 is used with an external
MOSFET to form a 5A LDO with an input of 2.5V. Either a 2.5V
or 1.8V gate threshold MOSFET can be selected.
The minimum R
DS(ON) is calculated as:
R
2.5V 1.8V
5A
10m
DS(ON) =
−
()


−Ω
R
DS(ON) = 130mΩ
According to the above calculation, the minimum R
DS(ON) is
130m
Ω for a 2.5V to 1.8V LDO with 5A of output current. For
this design, the R
DS(ON) for the FETs should maintain better
than 130m
Ω over the required temperature, current, and
voltage conditions.
Placing two or more P-Channel FETs in parallel can reduce
the total R
DS(ON) of the regulator. This also aids thermal
dissipation by sharing the current and heat between the
multiple FETs.
Thermal Considerations
Linear regulators are simple to use. The most complicated
design parameters to consider are thermal characteristics.
Since the MIC5159 offers no thermal protection, thermal
design requires the following application-specific param-
eters:
• Maximum ambient temperature (T
A)
• Output current (I
OUT)
• Output voltage (V
OUT)
• Input voltage (V
IN)
First, calculate the maximum power dissipation of the
regulator:
P
D = (VIN – VOUT) × IOUT
Ground current can generally be ignored. The amount of
power dissipated by ground current and input voltage is
minimal. Minimum
θ
JA for the MOSFET can be calculated
using the following formula:
θ
JA
JA
D
T(
T
P
=
−
()


max)
Where T
J (max) is equal to the maximum die temperature of
the P-Channel.
θ
JA = θJC + θCS + θSA
Example
For the same regulator, 2.5V
IN to 1.8VOUT at 5A with an
ambient temperature of 60
°C:
P
D = (2.5V – 1.8V) × 5A
P
D = 3.5W
Where V
IN is the maximum VIN and IOUT is the maximum
I
OUT.
The P-Channel MOSFET must be able to dissipate 3.5W.
The minimum
θ
JA to maintain a maximum TJ of 150°C (max.)
T
J according to a typical MOSFET data sheet is as follows:
θ
JA
150 C
60 C
3.5W
=
°− °
()
θ
JA = 25.71°C/W
The heatsink and MOSFET must have a combined thermal
resistance to meet the above criteria.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com