Electronic Components Datasheet Search
  English  ▼

X  

MIC5159 Datasheet(PDF) 4 Page - Micrel Semiconductor

Part # MIC5159
Description  PROGRAMMABLE CURRENT LIMIT UCAP LDO REGULATOR CONTROLLER
PDF  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICREL [Micrel Semiconductor]
Direct Link  http://www.micrel.com
Logo MICREL - Micrel Semiconductor

MIC5159 Datasheet(HTML) 4 Page - Micrel Semiconductor

  MIC5159 Datasheet HTML 1Page - Micrel Semiconductor MIC5159 Datasheet HTML 2Page - Micrel Semiconductor MIC5159 Datasheet HTML 3Page - Micrel Semiconductor MIC5159 Datasheet HTML 4Page - Micrel Semiconductor MIC5159 Datasheet HTML 5Page - Micrel Semiconductor MIC5159 Datasheet HTML 6Page - Micrel Semiconductor MIC5159 Datasheet HTML 7Page - Micrel Semiconductor MIC5159 Datasheet HTML 8Page - Micrel Semiconductor MIC5159 Datasheet HTML 9Page - Micrel Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 23 page
background image
MIC5159
Micrel
M9999-041204
4
April 2004
Typical Characteristics
1.22
1.225
1.23
1.235
1.24
1.245
1.25
INPUT VOLTAGE (V)
Reference Voltage
vs. Input Voltage
1.23
1.231
1.232
1.233
1.234
1.235
1.236
1.237
1.238
1.239
1.24
-40 -20 0
20 40 60 80 100 120
TEMPERATURE (
°C)
Reference Voltage
vs. Temperature
V
IN = 3.3V
1.23
1.231
1.232
1.233
1.234
1.235
1.236
1.237
1.238
1.239
1.24
0 0.5 1 1.5 2 2.5 3 3.5 4 4.5 5
LOAD (A)
Output Voltage
vs. Load
V
IN = 2.5V
0
1
2
3
4
5
6
7
8
9
10
INPUT VOLTAGE (V)
Quiescent Current
vs. Input Voltage
I
LOAD = 10mA
0
1
2
3
4
5
6
7
8
9
10
-40 -20 0
20 40 60 80 100 120
TEMPERATURE (
°C)
Quiescent Current
vs. Temperature
V
IN = 3.3V
0
1
2
3
4
5
6
7
8
9
10
0 0.5 1 1.5 2 2.5 3 3.5 4 4.5 5
LOAD (A)
Quiescent Current
vs. Load
V
IN = 2.5V
40
42
44
46
48
50
52
54
56
58
60
INPUT VOLTAGE (V)
Current Limit Threshold
vs. Input Voltage
40
42
44
46
48
50
52
54
56
58
60
-40 -20 0
20 40 60 80 100 120
TEMPERATURE (
°C)
Current Limit Threshold
vs. Temperature
0
100
200
300
400
500
600
700
800
-40 -20 0
20 40 60 80 100 120
TEMPERATURE (
°C)
Enable Threshold
vs. Temperature
EN on
EN off
0
100
200
300
400
500
600
700
INPUT VOLTAGE (V)
Enable Threshold
vs. Input Voltage
EN on
EN off
0
2
4
6
8
10
12
14
16
18
20
INPUT VOLTAGE (V)
Shutdown Current
vs. Input Voltage
85
°C
25
°C
-40
°C



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com