Electronic Components Datasheet Search
  English  ▼

X  

MIC5159 Datasheet(PDF) 2 Page - Micrel Semiconductor

Part # MIC5159
Description  PROGRAMMABLE CURRENT LIMIT UCAP LDO REGULATOR CONTROLLER
PDF  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICREL [Micrel Semiconductor]
Direct Link  http://www.micrel.com
Logo MICREL - Micrel Semiconductor

MIC5159 Datasheet(HTML) 2 Page - Micrel Semiconductor

  MIC5159 Datasheet HTML 1Page - Micrel Semiconductor MIC5159 Datasheet HTML 2Page - Micrel Semiconductor MIC5159 Datasheet HTML 3Page - Micrel Semiconductor MIC5159 Datasheet HTML 4Page - Micrel Semiconductor MIC5159 Datasheet HTML 5Page - Micrel Semiconductor MIC5159 Datasheet HTML 6Page - Micrel Semiconductor MIC5159 Datasheet HTML 7Page - Micrel Semiconductor MIC5159 Datasheet HTML 8Page - Micrel Semiconductor MIC5159 Datasheet HTML 9Page - Micrel Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 23 page
background image
MIC5159
Micrel
M9999-041204
2
April 2004
Pin Description
Pin Number
Pin Name
Pin Function
1
IN
Input Voltage.
2
GND
Ground.
3
IS
Current Sense: IS must be tied to VIN pin if the current limit feature is not
used.
4
GATE
Gate drive of the external P-Channel MOSFET.
5
EN
Enable Input: Logic Level ON/OFF control. Logic high = ON;
logic low = OFF.
6
ADJ.
Adjustable Regulator Feedback Input: Connect to resistor voltage divider.
VO
Output Voltage: Connect to drain of P-Channel MOSFET to regulate output
to proper voltage.
Pin Configuration
IN GND
GATE
IS
13
4
6
ADJ
LZAA
5
EN
2
Pin 1
Index
SOT-23-6 (M6)
Adjustable Voltage Version
IN GND
GATE
IS
13
4
6
VO
LZxx
5
EN
2
Pin 1
Index
SOT-23-6 (M6)
Fixed Voltage Version



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com