Electronic Components Datasheet Search
  English  ▼

X  

MIC2202BML Datasheet(PDF) 7 Page - Micrel Semiconductor

Part # MIC2202BML
Description  HIGH EFFICIENCY 2MHZ SYNCHRONOUS BUCK CONVERTER 1UP STABLE PWM REGULATOR
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICREL [Micrel Semiconductor]
Direct Link  http://www.micrel.com
Logo MICREL - Micrel Semiconductor

MIC2202BML Datasheet(HTML) 7 Page - Micrel Semiconductor

Back Button MIC2202BML Datasheet HTML 3Page - Micrel Semiconductor MIC2202BML Datasheet HTML 4Page - Micrel Semiconductor MIC2202BML Datasheet HTML 5Page - Micrel Semiconductor MIC2202BML Datasheet HTML 6Page - Micrel Semiconductor MIC2202BML Datasheet HTML 7Page - Micrel Semiconductor MIC2202BML Datasheet HTML 8Page - Micrel Semiconductor MIC2202BML Datasheet HTML 9Page - Micrel Semiconductor MIC2202BML Datasheet HTML 10Page - Micrel Semiconductor MIC2202BML Datasheet HTML 11Page - Micrel Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 18 page
background image
May 2004
7
M9999-052104
MIC2202
Micrel
Applications Information
Input Capacitor
A minimum 1
µF ceramic is recommended on the V
IN pin for
bypassing. X5R or X7R dielectrics are recommended for the
input capacitor. Y5V dielectrics, aside from losing most of
their capacitance over temperature, they also become resis-
tive at high frequencies. This reduces their ability to filter out
high frequency noise.
Output Capacitor
The MIC2202 was designed specifically for the use of a 1
µF
ceramic output capacitor. This value can be increased to
improve transient performance. Since the MIC2202 is volt-
age mode, the control loop relies on the inductor and output
capacitor for compensation. For this reason, do not use
excessively large output capacitors. The output capacitor
requires either an X7R or X5R dielectric. Y5V and Z5U
dielectric capacitors, aside from the undesirable effect of their
wide variation in capacitance over temperature, become
resistive at high frequencies. Using Y5V or Z5U capacitors
will cause instability in the MIC2202.
Total output capacitance should not exceed 15
µF. Large
values of capacitance can cause current limit to engage
during start-up. If larger than 15
µF is required, a feed-forward
capacitor from the output to the feedback node should be
used to slow the start up time.
Inductor Selection
Inductor selection will be determined by the following (not
necessarily in the order of importance):
• Inductance
• Rated current value
• Size requirements
• DC resistance (DCR)
The MIC2202 is designed for use with a 1
µH to 4.7µH
inductor.
Maximum current ratings of the inductor are generally given
in two methods: permissible DC current and saturation cur-
rent. Permissible DC current can be rated either for a 40
°C
temperature rise or a 10% loss in inductance. Ensure the
inductor selected can handle the maximum operating cur-
rent. When saturation current is specified, make sure that
there is enough margin that the peak current will not saturate
the inductor.
The size requirements refer to the area and height require-
ments that are necessary to fit a particular design. Please
refer to the inductor dimensions on their datasheet.
DC resistance is also important. While DCR is inversely
proportional to size, DCR can represent a significant effi-
ciency loss. Refer to the
“Efficiency Considerations” below
for a more detailed description.
Bias Capacitor
A small 10nF ceramic capacitor is required to bypass the bias
pin. The use of low ESR ceramics provides improved filtering
for the bias supply.
Efficiency Considerations
Efficiency is defined as the amount of useful output power,
divided by the amount of power consumed.
Efficiency %
VI
VI
100
OUT
OUT
IN
IN
=
×
×


×
Maintaining high efficiency serves two purposes. It reduces
power dissipation in the power supply, reducing the need for
heat sinks and thermal design considerations and it reduces
consumption of current for battery powered applications.
Reduced current draw from a battery increases the devices
operating time, critical in hand held devices.
There are two loss terms in switching converters: DC losses
and switching losses. DC losses are simply the power dissi-
pation of I2R. Power is dissipated in the high side switch
during the on cycle. Power loss is equal to the high side
MOSFET RDS
(ON) multiplied by the Switch Current
2. During
the off cycle, the low side N-Channel MOSFET conducts, also
dissipating power. Device operating current also reduces
efficiency. The product of the quiescent (operating) current
and the supply voltage is another DC loss. The current
required to drive the gates on and off at a constant 2MHz
frequency and the switching transitions make up the switch-
ing losses.
Figure 2 shows an efficiency curve. The non-shaded portion,
from 0mA to 200mA, efficiency losses are dominated by
quiescent current losses, gate drive and transition losses. In
this case, lower supply voltages yield greater efficiency in that
they require less current to drive the MOSFETs and have
reduced input power consumption.
50
55
60
65
70
75
80
85
90
95
100
0
0.1
0.2
0.3
0.4
0.5
0.6
OUTPUT CURRENT (A)
3.3V
OUT
4.2V
IN
5V
IN
Efficiency
vs. Output Current
Figure 2. Efficiency Curve
The shaded region, 200mA to 500mA, efficiency loss is
dominated by MOSFET RDS
(ON) and inductor DC losses.
Higher input supply voltages will increase the Gate-to-Source
threshold on the internal MOSFETs, reducing the internal
RDS
(ON). This improves efficiency by reducing DC losses in
the device. All but the inductor losses are inherent to the
device. In which case, inductor selection becomes increas-
ingly critical in efficiency calculations. As the inductors are
reduced in size, the DC resistance (DCR) can become quite
significant. The DCR losses can be calculated as follows;
L
I
DCR
PD
OUT
=×
2
From that, the loss in efficiency due to inductor resistance can
be calculated as follows:



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com