Electronic Components Datasheet Search
  English  ▼

X  

MIC2202BML Datasheet(PDF) 12 Page - Micrel Semiconductor

Part # MIC2202BML
Description  HIGH EFFICIENCY 2MHZ SYNCHRONOUS BUCK CONVERTER 1UP STABLE PWM REGULATOR
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICREL [Micrel Semiconductor]
Direct Link  http://www.micrel.com
Logo MICREL - Micrel Semiconductor

MIC2202BML Datasheet(HTML) 12 Page - Micrel Semiconductor

Back Button MIC2202BML Datasheet HTML 8Page - Micrel Semiconductor MIC2202BML Datasheet HTML 9Page - Micrel Semiconductor MIC2202BML Datasheet HTML 10Page - Micrel Semiconductor MIC2202BML Datasheet HTML 11Page - Micrel Semiconductor MIC2202BML Datasheet HTML 12Page - Micrel Semiconductor MIC2202BML Datasheet HTML 13Page - Micrel Semiconductor MIC2202BML Datasheet HTML 14Page - Micrel Semiconductor MIC2202BML Datasheet HTML 15Page - Micrel Semiconductor MIC2202BML Datasheet HTML 16Page - Micrel Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 18 page
background image
MIC2202
Micrel
M9999-052104
12
May 2004
MIC2202BMM with 1
µH Inductor and 2.2µF Output Capacitor
-30
-20
-10
0
10
20
30
40
50
60
70
-108
-72
-36
0
36
72
108
144
180
216
252
1x102 1x103 1x104 1x105 1x106 1x107
FREQUENCY (Hz)
Bode Plot
Phase
Gain
5V
IN
1.8V
OUT
L = 1
µH
-30
-20
-10
0
10
20
30
40
50
60
70
-108
-72
-36
0
36
72
108
144
180
216
252
1x102 1x103 1x104 1x105 1x106 1x107
FREQUENCY (Hz)
Bode Plot
Phase
Gain
3.6V
IN
1.8V
OUT
L = 1
µH
60
65
70
75
80
85
90
95
100
0
0.1
0.2
0.3
0.4
0.5
0.6
OUTPUT CURRENT (A)
Efficiency 3.3V
OUT
5V
IN
4.2V
IN
L = 1
µH
C
OUT = 2.2µF
60
65
70
75
80
85
90
95
100
0
0.1
0.2
0.3
0.4
0.5
0.6
OUTPUT CURRENT (A)
Efficiency 2.5V
OUT
4.2V
IN
3V
IN
L = 1
µH
C
OUT = 2.2µF
3.6V
IN
40
45
50
55
60
65
70
75
80
85
90
0
0.1
0.2
0.3
0.4
0.5
0.6
OUTPUT CURRENT (A)
Efficiency 1.8V
OUT
3.6V
IN
3V
IN
L = 1
µH
C
OUT = 2.2µF
4.2V
IN
40
45
50
55
60
65
70
75
80
85
90
0
0.1
0.2
0.3
0.4
0.5
0.6
OUTPUT CURRENT (A)
Efficiency 1.5V
OUT
3.6V
IN
3V
IN
L = 1
µH
C
OUT = 2.2µF
4.2V
IN
40
45
50
55
60
65
70
75
80
85
90
0
0.1
0.2
0.3
0.4
0.5
0.6
OUTPUT CURRENT (A)
Efficiency 1.2V
OUT
4.2V
IN
3V
IN
L = 1
µH
C
OUT = 2.2µF
3.6V
IN
Load Transient
TIME (40µs/div.)
L = 2.2µH
C = 1µF
V
IN = 3.6V
V
OUT = 1.8V
Vsw-Vripple
TIME (400ns/div.)
L = 2.2µH
C = 1µF
V
IN = 3.6V
V
OUT = 1.8V
I
OUT = 600mA



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com