Electronic Components Datasheet Search
  English  ▼

X  

MIC2202BML Datasheet(PDF) 2 Page - Micrel Semiconductor

Part # MIC2202BML
Description  HIGH EFFICIENCY 2MHZ SYNCHRONOUS BUCK CONVERTER 1UP STABLE PWM REGULATOR
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICREL [Micrel Semiconductor]
Direct Link  http://www.micrel.com
Logo MICREL - Micrel Semiconductor

MIC2202BML Datasheet(HTML) 2 Page - Micrel Semiconductor

  MIC2202BML Datasheet HTML 1Page - Micrel Semiconductor MIC2202BML Datasheet HTML 2Page - Micrel Semiconductor MIC2202BML Datasheet HTML 3Page - Micrel Semiconductor MIC2202BML Datasheet HTML 4Page - Micrel Semiconductor MIC2202BML Datasheet HTML 5Page - Micrel Semiconductor MIC2202BML Datasheet HTML 6Page - Micrel Semiconductor MIC2202BML Datasheet HTML 7Page - Micrel Semiconductor MIC2202BML Datasheet HTML 8Page - Micrel Semiconductor MIC2202BML Datasheet HTML 9Page - Micrel Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 18 page
background image
MIC2202
Micrel
M9999-052104
2
May 2004
EN
FB
6
5
1
SW
VIN
SYNC_IN
SYNC_OUT
10 GND
GND
GND
BIAS
9
8
7
2
3
4
Pin Configuration
Pin Description
Pin Number
Pin Name
Pin Function
1
SW
Switch (Output): Internal power MOSFET output switches.
2
VIN
Supply Voltage (Input): Requires bypass capacitor to GND.
3
SYNC_IN
SYNC_IN for the MIC2202: Sync the main switching frequency to an
external clock.
4
SYNC_OUT
SYNC_OUT an open collector output.
5
EN
A low level EN will power down the device, reducing the quiescent current to
under 1
µA.
6
FB
Input to the error amplifier, connect to the external resistor divider network to
set the output voltage.
7
BIAS
Internal circuit bias supply, nominally 2.3V. Must be de-coupled to signal
ground with a 0.01
µF capacitor.
8, 9, 10
GND
Ground.
EP
GND
Ground, backside pad.
SW
VIN
SYNC_IN
SYNC_OUT
GND
GND
GND
BIAS
1
2
3
4
10
9
8
7
56
EN
FB
EP
MSOP-10 (MM)
MLF™-10 (ML)
(Top View)
Ordering Information
Part Number
Voltage
Temperature Range
Package
Lead Finish
MIC2202BMM
Adjustable
–40
°C to +125°C
10-pin MSOP-10
Standard
MIC2202BML
Adjustable
–40
°C to +125°C
10-pin MLF™
Standard
MIC2202YMM
Adjustable
–40
°C to +125°C
10-pin MSOP-10
Pb-Free
MIC2202YML
Adjustable
–40
°C to +125°C
10-pin MLF™
Pb-Free



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com