| Electronic Components Datasheet Search |
|
RT7302 Datasheet(PDF) 4 Page - Richtek Technology Corporation |
|
|
|||||||||||||||||||||||||||||
RT7302 Datasheet(HTML) 4 Page - Richtek Technology Corporation |
|
4 / 15 page ![]() RT7302 4 DS7302-03 May 2015 www.richtek.com © Copyright 2015 Richtek Technology Corporation. All rights reserved. is a registered trademark of Richtek Technology Corporation. IN_PK ON L_PK m Vsin(θ)t I = L Figure 2. Inductor Current of CRM with Constant On-Time Control If the input voltage is the output voltage of the full-bridge rectifier with sinusoidal input voltage (VIN_PK x sin( θ)), the inductor peak current (IL_PK) can be expressed as the following equation : When the converter operates in CRM with constant on- time control, the envelope of the peak inductor current will follow the input voltage waveform with in-phase. Thus, high power factor can be achieved, as shown in Figure 2. IL_PK IQ1_DS Peak Inductor Current MOSFET Current VIN Input Voltage Iin_avg IDOUT Average Input Current Output Diode Current VQ1_GS MOSFET Gate Voltage Operation Critical-Conduction Mode (CRM) with Constant On-Time Control Figure 1 shows a typical flyback converter with input voltage (VIN). When main switch Q1 is turned on with a fixed on- time (tON), the peak current (IL_PK) of the magnetic inductor (Lm) can be calculated by the following equation : Figure 1. Typical Flyback Converter IN L_PK ON m V I = t L Primary-Side Constant-Current Regulation The RT7302 needs no shunt regulator and opto-coupler at the secondary side to achieve the output current regulation. Figure 3 shows several key waveforms of a conventional flyback converter in Quasi-Resonant (QR) mode, in which VAUX is the voltage on the auxiliary winding of the transformer. Figure 3. Key Waveforms of a Flyback Converter Voltage Clamping Circuit The RT7302 provides a voltage clamping circuit at ZCD pin since the voltage on the auxiliary winding is negative when the main switch is turned on. The lowest voltage on ZCD pin is clamped near zero to prevent the IC from being damaged by the negative voltage. Meanwhile, the sourcing ZCD current (IZCD_SH), flowing through the upper resistor (RZCD1), is sampled and held to be a line-voltage-related signal for propagation delay compensation. The RT7302 embeds the programmable propagation delay compensation through CS pin. A sourcing current ICS (equal to IZCD_SH x KPC) applies a voltage offset (ICS x RPC) which is proportional to line voltage on CS to compensate the propagation delay effect. Thus, the output current can be equal at high and low line voltage. DOUT TX1 COUT + VOUT - ROUT IOUT Q1 + IL Lm VIN VAUX VIN IQ1 GD (VGS) (VOUT + Vf) x NA / NS 0 0 VIN x NA / NP IDOUT Clamped by controller VDS |
|
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |