Electronic Components Datasheet Search
  English  ▼

X  

RT7302 Datasheet(PDF) 8 Page - Richtek Technology Corporation

Part # RT7302
Description  Primary-Side-Regulation Dimmable LED Driver Controller
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RICHTEK [Richtek Technology Corporation]
Direct Link  http://www.richtek.com
Logo RICHTEK - Richtek Technology Corporation

RT7302 Datasheet(HTML) 8 Page - Richtek Technology Corporation

Back Button RT7302 Datasheet HTML 4Page - Richtek Technology Corporation RT7302 Datasheet HTML 5Page - Richtek Technology Corporation RT7302 Datasheet HTML 6Page - Richtek Technology Corporation RT7302 Datasheet HTML 7Page - Richtek Technology Corporation RT7302 Datasheet HTML 8Page - Richtek Technology Corporation RT7302 Datasheet HTML 9Page - Richtek Technology Corporation RT7302 Datasheet HTML 10Page - Richtek Technology Corporation RT7302 Datasheet HTML 11Page - Richtek Technology Corporation RT7302 Datasheet HTML 12Page - Richtek Technology Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 15 page
background image
RT7302
8
DS7302-03 May 2015
www.richtek.com
©
Copyright 2015 Richtek Technology Corporation. All rights reserved.
is a registered trademark of Richtek Technology Corporation.
Note 1.
Stresses beyond those listed “Absolute Maximum Ratings” may cause permanent damage to the device. These are
stress ratings only, and functional operation of the device at these or any other conditions beyond those indicated in
the operational sections of the specifications is not implied. Exposure to absolute maximum rating conditions may
affect device reliability.
Note 2.
θJA is measured at TA = 25°C on a low effective thermal conductivity two-layer test board per JEDEC 51-3.
Note 3.
Devices are ESD sensitive. Handling precaution is recommended.
Note 4.
The device is not guaranteed to function outside its operating conditions.
Note 5.
Please refer to “Feed-Forward Compensation Design” in “Application Information”.
Note 6.
Guaranteed by Design.
Parameter
Symbol
Test Conditions
Min
Typ
Max
Unit
Constant Current Control Section
Regulated factor for
Constant-Current Control
KCC
246.25 250 253.75 mV
Maximum COMP Voltage
ICOMP < 30A
4.5
--
--
V
Maximum COMP Sourcing
Current
ICOMP(MAX) VCOMP < 3.5V
--
62.5
--
A
Timing Control Section
Minimum On-Time
tON(MIN)
IZCD = 150A
2.2
2.7
3.2
s
Maximum On-Time
tON(MAX)
29
47
65
s
Minimum Switching Period
tS(MIN)
7
8.5
10
s
Duration of Starter
tSTART
At No Valley Detected
75
130
300
s
Current Sense Section
Blanking Time
tLEB
LEB + Propagation Delay
(Note 6)
240
400
570
ns
Output Diode Short-Circuit
Protection Voltage Threshold
at CS
VCS_SD
Shutdown when VCS > VCS_SD in 7
cycles.
--
1.5
--
V
CS Voltage Threshold for
Peak Current Limitation
VCS_CL
0.93
1.03
1.13
V
Propagation Delay
Compensation Factor
KPC
Sourcing ICS = IZCD x KPC ,
IZCD = 150A
--
0.02
--
A/A
Gate Driver Section
GD Voltage Rising Time
tR
CL = 1nF
--
60
80
ns
GD Voltage Falling Time
tF
CL = 1nF
--
40
70
ns
GD Output Clamping Voltage
VCLAMP
CL = 1nF
--
13
--
V
Internal GD Pull Low Resistor
RGD
--
40
--
k
Over-Temperature Protection Section
Over-Temperature Threshold
TSD
(Note 6)
--
150
--
C
Over-Temperature Threshold
Hysteresis
TSD_HYS
(Note 6)
--
30
--
C



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com