Electronic Components Datasheet Search
  English  ▼

X  

RT7302 Datasheet(PDF) 7 Page - Richtek Technology Corporation

Part # RT7302
Description  Primary-Side-Regulation Dimmable LED Driver Controller
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RICHTEK [Richtek Technology Corporation]
Direct Link  http://www.richtek.com
Logo RICHTEK - Richtek Technology Corporation

RT7302 Datasheet(HTML) 7 Page - Richtek Technology Corporation

Back Button RT7302 Datasheet HTML 3Page - Richtek Technology Corporation RT7302 Datasheet HTML 4Page - Richtek Technology Corporation RT7302 Datasheet HTML 5Page - Richtek Technology Corporation RT7302 Datasheet HTML 6Page - Richtek Technology Corporation RT7302 Datasheet HTML 7Page - Richtek Technology Corporation RT7302 Datasheet HTML 8Page - Richtek Technology Corporation RT7302 Datasheet HTML 9Page - Richtek Technology Corporation RT7302 Datasheet HTML 10Page - Richtek Technology Corporation RT7302 Datasheet HTML 11Page - Richtek Technology Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 15 page
background image
RT7302
7
DS7302-03 May 2015
www.richtek.com
©
Copyright 2015 Richtek Technology Corporation. All rights reserved.
is a registered trademark of Richtek Technology Corporation.
Electrical Characteristics
(VDD = 15V, TA = 25
°C, unless otherwise specification)
Absolute Maximum Ratings
(Note 1)
HV to GND -----------------------------------------------------------------------------------------------------------
−0.3V to 500V
VDD to GND ---------------------------------------------------------------------------------------------------------
−0.3V to 30V
GD to GND -----------------------------------------------------------------------------------------------------------
−0.3V to 20V
MULT, CS, ZCD, COMP to GND --------------------------------------------------------------------------------
−0.3V to 6V
Power Dissipation, PD @ TA = 25
°C
SOP-8 ----------------------------------------------------------------------------------------------------------------- 0.48W
Package Thermal Resistance (Note 2)
SOP-8,
θJA ----------------------------------------------------------------------------------------------------------- 206.9°C/W
Junction Temperature ---------------------------------------------------------------------------------------------- 150
°C
Lead Temperature (Soldering, 10 sec.) ------------------------------------------------------------------------ 260
°C
Storage Temperature Range -------------------------------------------------------------------------------------
−65°C to 150°C
ESD Susceptibility (Note 3)
HBM (Human Body Model) (Except HV pin) ----------------------------------------------------------------- 2kV
MM (Machine Model) ---------------------------------------------------------------------------------------------- 200V
Recommended Operating Conditions
(Note 4)
Supply Input Voltage, VDD ---------------------------------------------------------------------------------------- 12V to 25V
COMP Voltage, VCOMP -------------------------------------------------------------------------------------------- 0.7V to 4.3V (Note 5)
Junction Temperature Range -------------------------------------------------------------------------------------
−40°C to 125°C
Parameter
Symbol
Test Conditions
Min
Typ
Max
Unit
HV Start-up Section
HV Start-up Average Current
IHV_ST
VDD < VTH_ON, VHV = 100V
0.8
--
--
mA
Off State Leakage Current
VDD = VTH_ON + 1V, VHV = 500V
--
--
2
A
VDD Supply Current and Protections Section
VDD OVP Threshold Voltage
VOVP
25.5
27
28.5
V
VDD OVP De-bounce Time
(Note 6)
--
10
--
s
Rising UVLO Threshold Voltage VTH_ON
15
16
17
V
Falling UVLO Threshold Voltage VTH_OFF
8
9
10
V
Operating Supply Current
IDD_OP
IZCD = 0, GD Open
--
--
3.5
mA
Start-up Current
VDD = VTH_ON  1V
--
--
30
A
ZCD Section
Lower Clamp Voltage
IZCD = 0 to 2.5mA
--
0
0.3
V
ZCD OVP Threshold Voltage
VZCD_OVP
At the Knee Point
(Note 6)
2.8
3.1
3.4
V
Dimming Control Section
Enable Threshold Voltage
VMULT_EN
VMULT Rising
--
150
--
mV
Disable Threshold Voltage
VMULT_DIS VMULT Falling
--
100
--
mV
De-bounce Time
(Note 6)
--
7
--
s



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com