Electronic Components Datasheet Search
  English  ▼

X  

RT7302GS Datasheet(PDF) 5 Page - Richtek Technology Corporation

Part # RT7302GS
Description  Primary-Side-Regulation Dimmable LED Driver Controller
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RICHTEK [Richtek Technology Corporation]
Direct Link  http://www.richtek.com
Logo RICHTEK - Richtek Technology Corporation

RT7302GS Datasheet(HTML) 5 Page - Richtek Technology Corporation

  RT7302GS Datasheet HTML 1Page - Richtek Technology Corporation RT7302GS Datasheet HTML 2Page - Richtek Technology Corporation RT7302GS Datasheet HTML 3Page - Richtek Technology Corporation RT7302GS Datasheet HTML 4Page - Richtek Technology Corporation RT7302GS Datasheet HTML 5Page - Richtek Technology Corporation RT7302GS Datasheet HTML 6Page - Richtek Technology Corporation RT7302GS Datasheet HTML 7Page - Richtek Technology Corporation RT7302GS Datasheet HTML 8Page - Richtek Technology Corporation RT7302GS Datasheet HTML 9Page - Richtek Technology Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 15 page
background image
RT7302
5
DS7302-03 May 2015
www.richtek.com
©
Copyright 2015 Richtek Technology Corporation. All rights reserved.
is a registered trademark of Richtek Technology Corporation.
Figure 4. Valley Signal Generating Method
Figure 5 illustrates how valley signal triggers PWM. If no
valley signal is detected for a long time, the next PWM is
triggered by a starter circuit at the end of the interval (tSTART,
130
μs typ.) which starts at the rising edge of the previous
PWM signal. A blanking time (tS(MIN), 8.5
μs typ.), which
starts at the rising edge of the previous PWM signal, limits
minimum switching period. When the tS(MIN) interval is
on-going, all of valley signals are not allowed to trigger
the next PWM signal. After the end of the tS(MIN) interval,
the coming valley will trigger the next PWM signal. If one
or more valley signals are detected during the tS(MIN)
interval and no valley is detected after the end of the tS(MIN)
interval, the next PWM signal will be triggered
automatically at the end of the tS(MIN) + 5
μs (typ.).
Figure 5. PWM Triggered Method
PWM
tS(MIN)
5µs
Valley
Signal
PWM
tS(MIN)
Valley
Signal
PWM
Valley
Signal
tS(MIN)
PWM
Valley
Signal
tSTART
……
……
VZCD
Valley
Signal
PWM
500ns
tMASK
VZCDA
VZCDT
Quasi-Resonant Operation
For improving converter's efficiency, the RT7302 detects
valleys of the Drain-to-Source voltage (VDS) of main switch
and turns on it near the selected valley. For the valley
detections, a pulse of the “valley signal” is generated
after a 500ns (typ.) delay time which starts at which the
voltage (VZCD) on ZCD pin goes down and reaches the
voltage threshold (VZCDT, 0.4V typ.). During the rising of
the VZCD, the VZCD must reach the voltage threshold
(VZCDA, 0.5V typ.). Otherwise, no pulse of the “valley
signal” is generated. Moreover, if the timing when the
falling VZCD reaches VZCDT is not later than a mask time
(tMASK, 2
μs typ.) then the valley signal will be masked and
regards as no valley, as shown in Figure 4.
HV Start-up Device
An in-house design 500V start-up device is integrated in
the RT7302 to minimize the power loss and shorten the
start-up time. The HV start-up device will be turned on
during start-up period and be turned off during normal
operation. It guarantees fast start-up time and no power
loss in this path during normal operation. A 10k
Ω resistor
is recommended to be connected in series with HV pin.
Feed-Forward Compensation
The MULT pin is a high impedance input pin used to detect
the line input voltage. A proper voltage divider and a
capacitor should be applied to sense the rectified input
voltage at the output of bridge diode rectifier. Since the
MULT voltage is proportional to the rectified input voltage,
it is used to generate a feed-forward signal, the peak of
the MULT voltage, to compensate the slope of the ramp,



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com