Electronic Components Datasheet Search
  English  ▼

X  

RT7302GS Datasheet(PDF) 1 Page - Richtek Technology Corporation

Part # RT7302GS
Description  Primary-Side-Regulation Dimmable LED Driver Controller
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RICHTEK [Richtek Technology Corporation]
Direct Link  http://www.richtek.com
Logo RICHTEK - Richtek Technology Corporation

RT7302GS Datasheet(HTML) 1 Page - Richtek Technology Corporation

  RT7302GS Datasheet HTML 1Page - Richtek Technology Corporation RT7302GS Datasheet HTML 2Page - Richtek Technology Corporation RT7302GS Datasheet HTML 3Page - Richtek Technology Corporation RT7302GS Datasheet HTML 4Page - Richtek Technology Corporation RT7302GS Datasheet HTML 5Page - Richtek Technology Corporation RT7302GS Datasheet HTML 6Page - Richtek Technology Corporation RT7302GS Datasheet HTML 7Page - Richtek Technology Corporation RT7302GS Datasheet HTML 8Page - Richtek Technology Corporation RT7302GS Datasheet HTML 9Page - Richtek Technology Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 15 page
background image
RT7302
®
DS7302-03 May 2015
www.richtek.com
1
©
Copyright 2015 Richtek Technology Corporation. All rights reserved.
is a registered trademark of Richtek Technology Corporation.
Primary-Side-Regulation Dimmable LED Driver Controller
with Active PFC
General Description
The RT7302 is a constant current LED driver with active
power factor correction. It supports high power factor
across a wide range of line voltages, and it drives the
converter in the Quasi-Resonant (QR) mode to achieve
higher efficiency. By using Primary Side Regulation (PSR),
the RT7302 controls the output current accurately without
a shunt regulator and an opto-coupler at the secondary
side, reducing the external component count, the cost,
and the volume of the driver board.
The RT7302 is designed to be compatible with PWM
Dimming. The output current can be modulated by the
duty ratio of the external PWM dimming signal.
An in-house design High Voltage (HV) start-up device is
integrated in the RT7302 to minimize the power loss and
shorten the start-up time.
The RT7302 embeds comprehensive protection functions
for robust designs, including LED open-circuit protection,
LED short-circuit protection, output diode short-circuit
protection, VDD Under-Voltage Lockout (UVLO), VDD
Over-Voltage Protection (VDD OVP), Over-Temperature
Protection (OTP), and cycle-by-cycle current limitation.
Features
Tight LED Current Regulation
No Opto-Coupler and TL431 Required
Power Factor Correction (PFC)
Compatible with PWM Dimming
Built-in HV Start-up Device
Quasi-Resonant
Maximum/Minimum
Switching
Frequency
Clamping
Input Voltage Feed-Forward Compensation
Maximum/Minimum On-Time Limitation
Wide VDD Voltage Range (up to 25V)
Multiple Protection Features

LED Open-Circuit Protection

LED Short-Circuit Protection

Output Diode Short-Circuit Protection

VDD Under-Voltage Lockout

VDD Over-Voltage Protection

Over-Temperature Protection

Cycle-by-Cycle Current Limit
RoHS Compliant and Halogen Free
Applications
AC/DC LED Lighting driver
Flyback Converter
Buck-Boost Converter
Simplified Application Circuit
VOUT+
MULT
COMP
GND
GD
CS
VDD
RT7302
VOUT-
HV
DOUT
TX1
RPC
RCS
DAUX
CVDD
RZCD1
RZCD2
ZCD
RHV
RM1
RM2
CCOMP
CSIN
Line
Neutral
BD
COUT
Q1
VOUT-
MULT
COMP
GND
GD
CS
VDD
RT7302
VOUT+
HV
DOUT
TX1
RPC
RCS
DAUX
CVDD
RZCD1
RZCD2
ZCD
RHV
RM1
RM2
CCOMP
CSIN
Line
Neutral
BD
COUT
Q1


Similar Part No. - RT7302GS

ManufacturerPart #DatasheetDescription
logo
Richtek Technology Corp...
RT7304 RICHTEK-RT7304 Datasheet
273Kb / 14P
Primary-Side-Regulation LED Driver Controller with Active PFC
RT7304A RICHTEK-RT7304A Datasheet
711Kb / 16P
Primary-Side Regulation LED Driver Controller
RT7304AGE RICHTEK-RT7304AGE Datasheet
711Kb / 16P
Primary-Side Regulation LED Driver Controller
RT7304GE RICHTEK-RT7304GE Datasheet
273Kb / 14P
Primary-Side-Regulation LED Driver Controller with Active PFC
RT7305 RICHTEK-RT7305 Datasheet
778Kb / 14P
The RT7305 consists of a high voltage power MOSFET
More results

Similar Description - RT7302GS

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
FL7730MY FAIRCHILD-FL7730MY Datasheet
1,009Kb / 13P
Single-Stage Primary-Side-Regulation PWM Controller for PFC and LED Dimmable Driving
logo
BCD Semiconductor Manuf...
AP1681 BCDSEMI-AP1681 Datasheet
346Kb / 13P
Off-line Primary Side Regulation Controller for Dimmable LED Driver
AP1682 BCDSEMI-AP1682 Datasheet
374Kb / 11P
Single Stage Primary Side Regulation PFC Controller For LED Driver
logo
Richtek Technology Corp...
RT7310 RICHTEK-RT7310 Datasheet
557Kb / 12P
Phase-Cut Dimmable Primary-Side Regulation
logo
Intersil Corporation
ISL1904FAZ INTERSIL-ISL1904FAZ Datasheet
623Kb / 21P
Dimmable AC Mains LED Driver with PFC and Primary Side Regulation
September 20, 2012
logo
Diodes Incorporated
AP1682E DIODES-AP1682E Datasheet
366Kb / 10P
SINGLE STAGE PRIMARY SIDE REGULATION PFC CONTROLLER FOR LED DRIVER
Rev 1
AP1690 DIODES-AP1690 Datasheet
388Kb / 9P
SINGLE STAGE PRIMARY SIDE REGULATION PFC CONTROLLER FOR DIMMABLE LED DRIVER
Rev 2
logo
Richtek Technology Corp...
RT7304 RICHTEK-RT7304 Datasheet
273Kb / 14P
Primary-Side-Regulation LED Driver Controller with Active PFC
RT7304A RICHTEK-RT7304A Datasheet
711Kb / 16P
Primary-Side Regulation LED Driver Controller
logo
Renesas Technology Corp
ISL1904 RENESAS-ISL1904 Datasheet
952Kb / 21P
Dimmable AC Mains LED Driver with PFC and Primary Side Regulation
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com