Electronic Components Datasheet Search
  English  ▼

X  

MIC6315 Datasheet(PDF) 1 Page - Micrel Semiconductor

Part # MIC6315
Description  Open-Drain UP Reset Circuit
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICREL [Micrel Semiconductor]
Direct Link  http://www.micrel.com
Logo MICREL - Micrel Semiconductor

MIC6315 Datasheet(HTML) 1 Page - Micrel Semiconductor

  MIC6315 Datasheet HTML 1Page - Micrel Semiconductor MIC6315 Datasheet HTML 2Page - Micrel Semiconductor MIC6315 Datasheet HTML 3Page - Micrel Semiconductor MIC6315 Datasheet HTML 4Page - Micrel Semiconductor MIC6315 Datasheet HTML 5Page - Micrel Semiconductor MIC6315 Datasheet HTML 6Page - Micrel Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
July, 2004
1
M9999-071504
MIC6315
Micrel
MIC6315
Open-Drain
µP Reset Circuit
General Description
The MIC6315 is an inexpensive reset generator circuit that
monitors power supplies in microprocessor based systems.
The function of this device is to assert a reset if either the
power supply drops below a designated reset threshold level
or /MR is forced low. Several different reset threshold levels
are available to accommodate 3V, 3.3V or 5V powered
systems.
The MIC6315 has an active low, open-drain /RESET output.
The reset output is guaranteed to remain asserted for a
minimum of either 20ms, 140ms, or 1100ms after V
CC has
risen above the designed reset threshold level. The MIC6315
comes in a 4-pin SOT-143 package.
Typical Application
VCC
RESET
µP
RESET
VCC
MIC6315
VCC
MR
10k
Features
• Precision voltage monitor for 3V, 3.3V or 5V power
supplies
• /RESET remains valid with V
CC as low as 1.4V
• <15
µA supply current
• 20ms, 40ms, or 1100ms minimum reset pulse widths
available
• Manual reset input
• 4-pin SOT-143 package
Applications
• Portable equipment
• Intelligent instruments
• Critical microprocessor power monitoring
• Printers/computers
• Embedded controllers
Micrel, Inc. • 1849 Fortune Drive • San Jose, CA 95131 • USA • tel + 1 (408) 944-0800 • fax + 1 (408) 944-0970 • http://www.micrel.com


Similar Part No. - MIC6315

ManufacturerPart #DatasheetDescription
logo
Micrel Semiconductor
MIC6315 MICREL-MIC6315 Datasheet
255Kb / 6P
Open-Drain 關P Reset Circuit
MIC6315 MICREL-MIC6315 Datasheet
523Kb / 8P
Open-Drain 關P Reset Circuit
logo
Microchip Technology
MIC6315 MICROCHIP-MIC6315 Datasheet
847Kb / 15P
Open-Drain Microprocessor Reset Circuit
09/14/21
logo
Micrel Semiconductor
MIC6315-26D2U MICREL-MIC6315-26D2U Datasheet
255Kb / 6P
Open-Drain 關P Reset Circuit
MIC6315-26D2U MICREL-MIC6315-26D2U Datasheet
349Kb / 6P
Open-Drain 關P Reset Circuit
More results

Similar Description - MIC6315

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX6315 MAXIM-MAX6315 Datasheet
113Kb / 8P
Open-Drain SOT 關P Reset Circuit
logo
STMicroelectronics
STM6315 STMICROELECTRONICS-STM6315 Datasheet
172Kb / 21P
Open Drain Microprocessor Reset
27-Jul-2006
STM6315 STMICROELECTRONICS-STM6315_07 Datasheet
185Kb / 21P
Open drain microprocessor reset
21-Mar-2007
logo
Micrel Semiconductor
MIC6315 MICREL-MIC6315_05 Datasheet
255Kb / 6P
Open-Drain 關P Reset Circuit
MIC6315 MICREL-MIC6315_08 Datasheet
349Kb / 6P
Open-Drain 關P Reset Circuit
logo
Maxim Integrated Produc...
MAX6315US31D2 MAXIM-MAX6315US31D2 Datasheet
536Kb / 7P
Open-Drain SOT μP Reset Circuit
Rev 3; 12/05
MAX6315US30D3 MAXIM-MAX6315US30D3 Datasheet
536Kb / 7P
Open-Drain SOT muP Reset Circuit
Rev 3; 12/05
logo
Micrel Semiconductor
MIC6315 MICREL-MIC6315_14 Datasheet
523Kb / 8P
Open-Drain 關P Reset Circuit
logo
Maxim Integrated Produc...
MAX6315 MAXIM-MAX6315_V01 Datasheet
139Kb / 7P
Open-Drain SOT 關P Reset Circuit
2015
logo
Microchip Technology
MIC6315 MICROCHIP-MIC6315 Datasheet
847Kb / 15P
Open-Drain Microprocessor Reset Circuit
09/14/21
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com