Electronic Components Datasheet Search
  English  ▼

X  

MIC6315 Datasheet(PDF) 3 Page - Micrel Semiconductor

Part # MIC6315
Description  Open-Drain UP Reset Circuit
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICREL [Micrel Semiconductor]
Direct Link  http://www.micrel.com
Logo MICREL - Micrel Semiconductor

MIC6315 Datasheet(HTML) 3 Page - Micrel Semiconductor

  MIC6315 Datasheet HTML 1Page - Micrel Semiconductor MIC6315 Datasheet HTML 2Page - Micrel Semiconductor MIC6315 Datasheet HTML 3Page - Micrel Semiconductor MIC6315 Datasheet HTML 4Page - Micrel Semiconductor MIC6315 Datasheet HTML 5Page - Micrel Semiconductor MIC6315 Datasheet HTML 6Page - Micrel Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 3 / 6 page
background image
July, 2004
3
M9999-071504
MIC6315
Micrel
Electrical Characteristics
For typical values, V
CC = 2.5V to 5.5V, TA = 25°C; bold values indicate –40°C ≤ TA ≤ +85°C; unless noted
Symbol
Parameter
Condition
Min
Typ
Max
Units
Operating Voltage Range
1.4
5.5
V
I
CC
Supply Current
V
CC = 5.5V, no load
9
15
µA
V
CC = 3.6V, no load
6
10
µA
V
TH
Reset Voltage Threshold
Note 4
V
TH–2.5%
V
TH
V
TH+2.5%
V
t
RST
Reset Timeout Period
20
28
44
ms
140
200
320
ms
1100
1500
2500
ms
V
OL
/RESET Output Voltage
V
CC > 4.25V, ISINK = 3.2mA
0.4
V
V
CC > 2.5V, ISINK = 1.2mA
0.3
V
V
CC > 1.4V, ISINK = 50µA
0.3
V
/RESET Output Leakage
/RESET deasserted
1
µA
/MR Minimum Pulse Width
10
µs
/MR to Reset Delay
0.5
µs
V
IH
/MR Input Threshold
V
TH > 4.0V
2.3
V
V
TH > 4.0V
0.7
×××××V
CC
V
V
IL
/MR Input Threshold
V
TH > 4.0V
0.8
V
V
TH > 4.0V
0.25
×××××V
CC
V
/MR Pull-Up Resistance
10
20
30
k
Ω
/MR Glitch Immunity
100
ns
Notes:
1.
Exceeding the absolute maximum rating may damage the device.
2.
The device is not guaranteed to function outside its operating rating.
3.
Devices are ESD sensitive. Handling precautions recommended. Human body model, 1.5k in series with 100pF.
4.
Various reset thresholds available. See ordering information or contact factory.
Absolute Maximum Ratings(1)
Terminal Voltage
(V
CC, /RESET) ...................................... –0.3V to 6.0V
(/MR) ........................................ –0.3V to (V
CC + 0.3V)
Rate of Rise (V
CC) ................................................. 100V/µs
Input Current (V
CC, /MR) ............................................ 20mA
Output Current (/RESET) ........................................... 20mA
Lead Temperature (soldering, 10 sec.) ..................... 300
°C
Storage Temperature (T
S) ........................ –65°C to 150°C
ESD Rating(3)
Operating Ratings(2)
Operating Temperature Range .................. –40
°C to +85°C
Input Voltage (/RESET) .................................... GND – 5.5V
Power Dissipation (T
A = +70°C) .............................. 320mW



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com