Electronic Components Datasheet Search
  English  ▼

X  

MIC6315 Datasheet(PDF) 5 Page - Micrel Semiconductor

Part # MIC6315
Description  Open-Drain UP Reset Circuit
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICREL [Micrel Semiconductor]
Direct Link  http://www.micrel.com
Logo MICREL - Micrel Semiconductor

MIC6315 Datasheet(HTML) 5 Page - Micrel Semiconductor

  MIC6315 Datasheet HTML 1Page - Micrel Semiconductor MIC6315 Datasheet HTML 2Page - Micrel Semiconductor MIC6315 Datasheet HTML 3Page - Micrel Semiconductor MIC6315 Datasheet HTML 4Page - Micrel Semiconductor MIC6315 Datasheet HTML 5Page - Micrel Semiconductor MIC6315 Datasheet HTML 6Page - Micrel Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 5 / 6 page
background image
July, 2004
5
M9999-071504
MIC6315
Micrel
Applications Information
Microprocessor Reset
The /RESET pin is asserted whenever V
CC falls below the
reset threshold voltage or if /MR (manual reset) is forced low.
The /RESET pin remains asserted for the duration of the reset
timeout period after V
CC has risen above the reset threshold
or /MR has returned high. The reset function ensures the
microprocessor is properly reset and powers up in a known
condition after a power failure. /RESET will remain valid with
V
CC as low as 1.4V.
The /RESET output is a simple open-drain N-channel MOS-
FET structure. A pull-up resistor must be used to pull this
output up to some voltage. For most applications, this voltage
will be the same power supply that supplies V
CC to the
MIC6315. It is possible however to tie this resistor to some
other voltage. This will allow the MIC6315 to monitor one
voltage while level-shifting the /RESET output to some other
voltage. The pull-up voltage must be limited to 6.0V or less
(absolute maximum) to avoid damage to the MIC6315. The
resistor must be small enough to supply current to the inputs
and leakage paths that are driven by the /RESET output.
/RESET Valid at Low Voltage
As V
CC drops to 0V, the MIC6315 will no longer be able to pull
the /RESET output low. At this point, the pull-up resistor will
pull the output high. The value of the pull-up resistor and the
voltage it is connected to will affect the point at which this
happens.
Wire OR'ing The /RESET Output
Because the RESET output is open-drain, several reset
sources can be wire-ORed in parallel to allow resets from
multiple sources.
V
CC Transients
The MIC6315 is relatively immune to negative-going V
CC
glitches below the reset threshold. Typically, a negative-
going transient 125mV below the reset threshold with a
duration of 25
µs or less will not cause an unwanted reset. If
additional transient immunity is needed, a bypass capacitor
can be placed a close as possible to the MIC6315.
VCC
RESET
5V SYSTEM
RESET
VCC
MIC6315
+5.0V
MR
10k
+3.3V
MIC6315 Used in a Multiple Supply System



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com