Electronic Components Datasheet Search
  English  ▼

X  

RT9458WSC Datasheet(PDF) 11 Page - Richtek Technology Corporation

Part # RT9458WSC
Description  Switch-Mode Single Cell Li-Ion Battery Charger
PDF  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RICHTEK [Richtek Technology Corporation]
Direct Link  http://www.richtek.com
Logo RICHTEK - Richtek Technology Corporation

RT9458WSC Datasheet(HTML) 11 Page - Richtek Technology Corporation

Back Button RT9458WSC Datasheet HTML 7Page - Richtek Technology Corporation RT9458WSC Datasheet HTML 8Page - Richtek Technology Corporation RT9458WSC Datasheet HTML 9Page - Richtek Technology Corporation RT9458WSC Datasheet HTML 10Page - Richtek Technology Corporation RT9458WSC Datasheet HTML 11Page - Richtek Technology Corporation RT9458WSC Datasheet HTML 12Page - Richtek Technology Corporation RT9458WSC Datasheet HTML 13Page - Richtek Technology Corporation RT9458WSC Datasheet HTML 14Page - Richtek Technology Corporation RT9458WSC Datasheet HTML 15Page - Richtek Technology Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 27 page
background image
11
DS9458-02
February 2017
www.richtek.com
RT9458
©
Copyright
2017 Richtek Technology Corporation. All rights reserved.
is a registered trademark of Richtek Technology Corporation.
Applications Information
The RT9458 is an integrated solution of single-cell Li-ion
and Li-polymer battery charger for portable applications.
The part integrates a synchronous PWM controller with
power MOSFETs to provide input voltage MIVR (Minimum
Input Voltage Regulation), input current sensing, high
accuracy current and voltage regulation, and charge
termination in a small package for space limited devices.
The part also features USB OTG (On-The-Go).
The RT9458 has three operation modes : charge mode,
boost mode (USB OTG), and high impedance mode. In
charge mode, the RT9458 supports a precision charging
system for single cell. In boost mode, the RT9458 works
as the Boost converter and boosts the voltage from battery
to VIN pin for sourcing the OTG devices. In high impedance
mode, the RT9458 stops charging or boosting and
operates in a mode with low current from VIN or battery to
reduce the power consumption when the portable device
is in standby mode.
S = Start Condition
W = Write (SDA =
“0”)
R = Read (SDA =
“1”)
Notice that the RT9458 does not integrate input power
source (AC adapter or USB input) detection. Thus, the
RT9458 does not set the charge current automatically.
The charge current needs to be set via I2C interface by
the host. The RT9458 application mechanism and I2C
compatible interface are introduced in later sections. The
slave address for this device is
“1101010”.
I2C Interface Timing Diagram
The RT9458 acts as an I
2C -bus slave. The I2C -bus master
configures the settings for charge mode and boost mode
by sending command bytes to the RT9458 via the 2-wire
I
2C -bus. After the START condition, the I2C master sends
a chip address. This address is seven bits long followed
by an eighth bit which is a data direction bit (R/W). The
second byte selects the register to which the data will be
written. The third byte contains data to the selected
register.
Charge Mode Operation
Support Quick Start Feature of Charger
When the battery voltage is lower than 2.4V by over-
discharge condition, the RT9458 charges the battery with
60mA to wake up the battery. Once the voltage level is
higher than 2.4V, the RT9458 charges the battery to higher
level with large current and makes sure that the system
could work normally in short period with OTG pin pulled
low.
ACK = Acknowledge
P = Stop Condition
Minimum Input Voltage Regulation (MIVR)
The RT9458 features input voltage MIVR function to prevent
input voltage drop due to insufficient current provided by
the adaptor or USB input. If MIVR function is enabled, the
input voltage decreases when the over current of the input
power source occurs and is regulated at a predetermined
voltage level which can be set as 4.1V to 4.7V per 0.1V
step by I2C interface to MIVR[2:0] in the register of address
0x11 the MIVR bit is set to high. At this time, the current
drawn by the RT9458 equals to the maximum current value
that the input power can provide at the predetermined
voltage level, instead of the set value.
B7
12345
678
9
1
2
B6
B2 B1 B0
3
4
5
6
789
12
3
456789
C5 C4 C3 C2 C1 C0
W ACK
ACK
S
P
0B4
ACK
SCL
SDA
A0
A1
A2
A3
A4
A5
A6
B5
C7 C6
B3
Start
1 1 0 1 0 1 0 R/W
B7B6B5B4B3B2B1B0
C7C6C5C4C3C2C1C0
Stop
The 2nd Byte
(Data Address, Data)
The 3rd Byte (Data)
The 1st Byte
(Slave Address, R/W)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com