Electronic Components Datasheet Search
  English  ▼

X  

RT9458WSC Datasheet(PDF) 23 Page - Richtek Technology Corporation

Part # RT9458WSC
Description  Switch-Mode Single Cell Li-Ion Battery Charger
PDF  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RICHTEK [Richtek Technology Corporation]
Direct Link  http://www.richtek.com
Logo RICHTEK - Richtek Technology Corporation

RT9458WSC Datasheet(HTML) 23 Page - Richtek Technology Corporation

Back Button RT9458WSC Datasheet HTML 19Page - Richtek Technology Corporation RT9458WSC Datasheet HTML 20Page - Richtek Technology Corporation RT9458WSC Datasheet HTML 21Page - Richtek Technology Corporation RT9458WSC Datasheet HTML 22Page - Richtek Technology Corporation RT9458WSC Datasheet HTML 23Page - Richtek Technology Corporation RT9458WSC Datasheet HTML 24Page - Richtek Technology Corporation RT9458WSC Datasheet HTML 25Page - Richtek Technology Corporation RT9458WSC Datasheet HTML 26Page - Richtek Technology Corporation RT9458WSC Datasheet HTML 27Page - Richtek Technology Corporation  
Zoom Inzoom in Zoom Outzoom out
 23 / 27 page
background image
23
DS9458-02
February 2017
www.richtek.com
RT9458
©
Copyright
2017 Richtek Technology Corporation. All rights reserved.
is a registered trademark of Richtek Technology Corporation.
Address
Name
Bit7
Bit6
Bit5
Bit4
Bit3
Bit2
Bit1
Bit0
0x04
Control4
RST
Reserved Reserved Reserved Reserved Reserved Reserved Reserved
Reset Value
0
0
0
0
0
0
0
0
Read/Write
R/W
R/W
R/W
R/W
R/W
R/W
R/W
R/W
RST
Write
1 : Charger in reset mode, 0 : No effect, Read : always get "0"
Address
Name
Bit7
Bit6
Bit5
Bit4
Bit3
Bit2
Bit1
Bit0
0x05
Control5
TMR_EN Reserved Reserved Reserved Reserved
IEOC[2:0]
Reset Value
1
0
0
0
0
0
1
0
Read/Write
R/W
R/W
R/W
R/W
R/W
R/W
R/W
R/W
TMR_EN
0 : Disable internal timer function, 1 : Enable internal timer function (default 1)
IEOC[2:0]
000 : 50mA
001 : 100mA
010 : 150mA (default)
011 : 200mA
100 : 250mA
101 : 300mA
110 : 350mA
111 : 400mA
Address
Name
Bit7
Bit6
Bit5
Bit4
Bit3
Bit2
Bit1
Bit0
0x06
Control6
IAICR_
SEL
ICHRG[2:0]
FixFreq
VPREC[2:0]
Reset Value
0
0
0
0
0
0
1
0
Read/Write
R/W
R/W
R/W
R/W
R/W
R/W
R/W
R/W
IAICR_SEL
0 : AICR is defined by IAICR [1:0]
1: AICR 500mA and 1A becomes 700mA
ICHRG[2:0]
External Sensing R : Charge current sense voltage (current equivalent for 56m
 sense
resistor)
000 : 28mV (500mA) (default 000)
001 : 36.4mV (650mA)
010 : 44.8mV (800mA)
---
110 : 78.4mV (1400mA)
111 : 86.8mV (1550mA)
VPREC[2:0]
000 : 2V
001 : 2.2V
010 : 2.4V (default 010)
011 : 2.6V
100 : 2.8V
101 : 3V
…
111 : 3V
Fix Freq
0 : Auto frequency change
1 : Fix frequency



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com