Electronic Components Datasheet Search
  English  ▼

X  

RT9458WSC Datasheet(PDF) 25 Page - Richtek Technology Corporation

Part # RT9458WSC
Description  Switch-Mode Single Cell Li-Ion Battery Charger
PDF  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RICHTEK [Richtek Technology Corporation]
Direct Link  http://www.richtek.com
Logo RICHTEK - Richtek Technology Corporation

RT9458WSC Datasheet(HTML) 25 Page - Richtek Technology Corporation

Back Button RT9458WSC Datasheet HTML 19Page - Richtek Technology Corporation RT9458WSC Datasheet HTML 20Page - Richtek Technology Corporation RT9458WSC Datasheet HTML 21Page - Richtek Technology Corporation RT9458WSC Datasheet HTML 22Page - Richtek Technology Corporation RT9458WSC Datasheet HTML 23Page - Richtek Technology Corporation RT9458WSC Datasheet HTML 24Page - Richtek Technology Corporation RT9458WSC Datasheet HTML 25Page - Richtek Technology Corporation RT9458WSC Datasheet HTML 26Page - Richtek Technology Corporation RT9458WSC Datasheet HTML 27Page - Richtek Technology Corporation  
Zoom Inzoom in Zoom Outzoom out
 25 / 27 page
background image
25
DS9458-02
February 2017
www.richtek.com
RT9458
©
Copyright
2017 Richtek Technology Corporation. All rights reserved.
is a registered trademark of Richtek Technology Corporation.
Address
Name
Bit7
Bit6
Bit5
Bit4
Bit3
Bit2
Bit1
Bit0
0x11
Control8
Reserved
MIVR[2:0]
Reserved
Reserved
IPREC[1:0]
Reset
Value
0
1
0
0
0
0
1
0
Read/Write
R/W
R/W
R/W
R/W
R/W
R/W
R/W
R/W
MIVR[2:0]
000 : 4.1V
001 : 4.2V
010 : 4.3V
011 : 4.4V
100 : 4.5V (default)
101 : 4.6V
110 : 4.7V
111 : disable
IPREC[1:0]
00 : 20mA
01 : 40mA
10 : 60mA (default)
11 : 60mA
Address
Name
Bit7
Bit6
Bit5
Bit4
Bit3
Bit2
Bit1
Bit0
0x0A
IRQ 3
BSTVINOVI BSTOLI BSTLOWVI Reserved BST32SI
Reserved Reserved Reserved
Reset Value
0
0
0
0
0
0
0
0
Read/Write
R
R
R
R
R
R
R
R
BSTBUSOVI
Boost fault. VIN OVP (VIN > VIN_BOVP)
BSTOLI
Boost fault. Over load.
BSTLOWVI
Boost fault. Battery voltage is too low.
BST32SI
Boost fault. 32s time-out fault.
Reserved
N/A
Reserved
N/A
Reserved
N/A
Address
Name
Bit7
Bit6
Bit5
Bit4
Bit3
Bit2
Bit1
Bit0
0x0B
MASK1
TSDM
VINOVPIM Reserved Reserved Reserved Reserved Reserved
BATABM
Reset Value
0
0
0
0
0
0
0
0
Read/Write
R/W
R/W
R
R
R
R
R/W
R/W
TSDM
TSDI fault interrupt mask
0 : interrupt is not masked, 1 : interrupt is masked
VINOVPIM
VIN OVP fault interrupt mask
0 : interrupt is not masked, 1 : interrupt is masked
BATABM
Battery absence fault interrupt mask
0 : interrupt is not masked, 1 : interrupt is masked



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com