Electronic Components Datasheet Search
  English  ▼

X  

RT9468 Datasheet(PDF) 49 Page - Richtek Technology Corporation

Part # RT9468
Description  Single Cell Li-Ion Switching Battery Charger
PDF  57 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RICHTEK [Richtek Technology Corporation]
Direct Link  http://www.richtek.com
Logo RICHTEK - Richtek Technology Corporation

RT9468 Datasheet(HTML) 49 Page - Richtek Technology Corporation

Back Button RT9468 Datasheet HTML 45Page - Richtek Technology Corporation RT9468 Datasheet HTML 46Page - Richtek Technology Corporation RT9468 Datasheet HTML 47Page - Richtek Technology Corporation RT9468 Datasheet HTML 48Page - Richtek Technology Corporation RT9468 Datasheet HTML 49Page - Richtek Technology Corporation RT9468 Datasheet HTML 50Page - Richtek Technology Corporation RT9468 Datasheet HTML 51Page - Richtek Technology Corporation RT9468 Datasheet HTML 52Page - Richtek Technology Corporation RT9468 Datasheet HTML 53Page - Richtek Technology Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 49 / 57 page
background image
49
DS9468-00 May 2017
www.richtek.com
RT9468
©
Copyright 2017 Richtek Technology Corporation. All rights reserved.
is a registered trademark of Richtek Technology Corporation.
Battery Voltage Level VBAT
Battery Charge Current IBAT
Trickle mode
VBAT < 2V
100mA
Pre-charge mode
VBAT < VPREC (0x08, bit[7:4])
IPREC (0x08, bit[3:0])
Fast-charge mode
VBAT < VOREG (0x04, bit[7:1]) Charge current is determined by several control loops
End-of-charge mode
VBAT = VOREG (0x04, bit[7:1]) Charge current decreases naturally
2. VBUS is above 3.8V (i.e. VBAD_ADP) when sinking 50mA
(i.e. IBAD_ADP_SINK) during 30ms of detection period,
tBADADP_DET. And this detection function can be disabled
by ADP_DIS (0x0B, bit7) register bit.
The charge modes as below, and the charge mode which
the charger operates in will be determined according to
the VBAT level :
In fast-charge mode, the input current limit can be selected
by IINLMTSEL (0x02, bit[3:2]). This flexible setting is
suitable for wide applications of adapters. In addition, the
RT9468 also provides charger warning statuses, such as
MIVR, AICR and TREG (0x50, bit[6:4]), to host.
There are 2 register bits, related to the LX switching of
the RT9468 :
1. SEL_SWFREQ (0x01, bit7) :
If SEL_SWFREQ is disabled (set to 0), the switching
frequency is 1.5MHz (default).
If SEL_SWFREQ is enabled (set to 1), the switching
frequency is 0.75MHz.
2. FIXFREQ (0x01, bit6) :
If FIXFREQ is disable (set to 0), the charge switching
frequency would be varied when VBUS is closed to VBAT.
If FIXFREQ is enable (set to 1), the charger switching
frequency is fixed.
There are 3 enable bits, related to the charger.
1. CFO_EN (0x02, bit1) : This bit is used to enable or
disable the charger and boost.
2. CHG_EN (0x02, bit0) : When CHG_EN bit is disabled,
power path MOS will be turned off so that the zero
charging current is derived. At this time, input power
source continuously delivers power to the system
without charging the battery. However, if the system
load is larger than the input source current limit, the
power path MOS will be turned back on immediately to
supply power to system. The CHG_EN bit function is
same as CEB pin.
3. HZ (0x01, bit2) : When HZ bit is enabled, the most of
the charger internal circuits will be turned off in order
to reduce quiescent current.
In end-of-charge mode, if EOC_EN (0x09, bit3) is enabled,
once the charge current is lower than IEOC (0x09, bit[7:4])
level and within CHG_TEDG_EOC (0x09, bit[2:0]), the
RT9468 will send out INT and CHG_IEOCI = 1 (0x54, bit7).
Then, the RT9468 will start to check statuses of the
following three bits.
1. TE (0x02, bit4) : If this bit is enabled, the power path
will be turned off, and the buck of the charger will keep
providing power to the system.
2. EOC_TIMER (0x07, bit[1:0]) : With CHG_IEOC1 = 1,
the power path will not be turned off. The RT9468 can
keep charging the battery for 30 to 60 minutes to extend
battery charging capacity.
3. BATD_EN (0x0B, bit6) : After charge is done, the
RT9468 will start to sink a sink current of IBAT_SINK
375
μA for about 256ms from the battery. If VBAT drops
to trigger the recharge function, it is to say the battery
is not connected to the charger. The RT9468 will
continue on battery detection for every two seconds.
OTG Mode
The RT9468 also supports OTG mode. It not only provides
several output current limit protection levels, but also has
low battery protection for overall system considerations.
The RT9468 can select switching frequency via
SEL_SWFREQ (0x01, bit7), whether the RT9468 already
operates in OTG mode or not.
There are two ways to enable OTG mode :
1. By way of software : through I2C to set OPA_MODE
(0x01, bit0).



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com