Electronic Components Datasheet Search
  English  ▼

X  

RT9468 Datasheet(PDF) 28 Page - Richtek Technology Corporation

Part # RT9468
Description  Single Cell Li-Ion Switching Battery Charger
PDF  57 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RICHTEK [Richtek Technology Corporation]
Direct Link  http://www.richtek.com
Logo RICHTEK - Richtek Technology Corporation

RT9468 Datasheet(HTML) 28 Page - Richtek Technology Corporation

Back Button RT9468 Datasheet HTML 24Page - Richtek Technology Corporation RT9468 Datasheet HTML 25Page - Richtek Technology Corporation RT9468 Datasheet HTML 26Page - Richtek Technology Corporation RT9468 Datasheet HTML 27Page - Richtek Technology Corporation RT9468 Datasheet HTML 28Page - Richtek Technology Corporation RT9468 Datasheet HTML 29Page - Richtek Technology Corporation RT9468 Datasheet HTML 30Page - Richtek Technology Corporation RT9468 Datasheet HTML 31Page - Richtek Technology Corporation RT9468 Datasheet HTML 32Page - Richtek Technology Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 28 / 57 page
background image
28
DS9468-00 May 2017
www.richtek.com
RT9468
©
Copyright 2017 Richtek Technology Corporation. All rights reserved.
is a registered trademark of Richtek Technology Corporation.
Name
Function
Addr
Reset
CHG CTRL 15
Charger Control 15
0x0F
0x02
Bit
Mode
Name
Reset Value
Description
7
R/W
ICHG_MEAS
0
ICHG measurement mechanism
0 : No operation (default)
1 : Execute ICHG measurement
[6:3]
R
ICHG_RPT[3:0]
0000
Report the ICHG measurement result
0000 : 100mA
0001 : 150mA
0010 : 200mA
0011 : 250mA
0100 : 300mA
0101 : 350mA
0110 : 400mA
0111 : 450mA
1000 : 500mA
1001 : 550mA
1010 : 600mA
1011 : 650mA
1100 : 700mA
1101 : 750mA
1110 : 800mA
1111 : 850mA
2
R/W
Reserved
0
Reserved
1
R/W
IBATS_R_SEL
1
Off-chip current sensing resistor setting (IBAT_SP
and IBAT_SN)
0 : 5m
1 : 10mΩ
0
R/W
Reserved
0
Reserved
Name
Function
Addr
Reset
CHG CTRL 16
Charger Control 16
0x10
0x10
Bit
Mode
Name
Reset Value
Description
[7:5]
R/W
Reserved
000
Reserved
4
R/W
JEITA_EN
1
JEITA function enable/disable
0 : Disable
1 : Enable (default)
3
R/W
JEITA_COOL_ISET
0
JEITA current setting in COOL region
0 : Set Charge Current to ICHG/2 (default)
1 : Set Charge Current to ICHG
2
R/W
JEITA_WARM_ISET
0
JEITA current setting in WARM region
0 : Set Charge Current to ICHG/2 (default)
1 : Set Charge Current to ICHG
1
R/W
JEITA_COOL_VSET
0
JEITA voltage setting in COOL region
0 : Set Charge Voltage to VOREG-0.2V (default)
1 : Set Charge Voltage to VOREG
0
R/W
JEITA_WARM_VSET
0
JEITA voltage setting in WARM region
0 : Set Charge Voltage to VOREG-0.2V (default)
1 : Set Charge Voltage to VOREG



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com