Electronic Components Datasheet Search
  English  ▼

X  

RT9468 Datasheet(PDF) 13 Page - Richtek Technology Corporation

Part # RT9468
Description  Single Cell Li-Ion Switching Battery Charger
PDF  57 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RICHTEK [Richtek Technology Corporation]
Direct Link  http://www.richtek.com
Logo RICHTEK - Richtek Technology Corporation

RT9468 Datasheet(HTML) 13 Page - Richtek Technology Corporation

Back Button RT9468 Datasheet HTML 9Page - Richtek Technology Corporation RT9468 Datasheet HTML 10Page - Richtek Technology Corporation RT9468 Datasheet HTML 11Page - Richtek Technology Corporation RT9468 Datasheet HTML 12Page - Richtek Technology Corporation RT9468 Datasheet HTML 13Page - Richtek Technology Corporation RT9468 Datasheet HTML 14Page - Richtek Technology Corporation RT9468 Datasheet HTML 15Page - Richtek Technology Corporation RT9468 Datasheet HTML 16Page - Richtek Technology Corporation RT9468 Datasheet HTML 17Page - Richtek Technology Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 57 page
background image
13
DS9468-00 May 2017
www.richtek.com
RT9468
©
Copyright 2017 Richtek Technology Corporation. All rights reserved.
is a registered trademark of Richtek Technology Corporation.
Parameter
Symbol
Test Conditions
Min
Typ
Max
Unit
VSYS Resolution
VVSYS ADC_RES
--
5
--
mV
VSYS Accuracy
VVSYS ADC_ACC
2
--
2
LSB
REGN Measurement
Range
VREGN ADC_Range
0
--
4.9
V
REGN Resolution
VREGN ADC_RES
--
5
--
mV
REGN Accuracy
VREGN ADC_ACC
2
--
2
LSB
TS_BAT Measurement
Range
RateTS_BAT
0
--
100
%
TS_BAT Resolution
RateTS_BAT_RES
--
0.25
--
%
TS_BAT Accuracy
RateTS_BAT ACC
2
--
2
LSB
IBUS Measurement Range IIBUS ADC_Range
0
--
5
A
IBUS Resolution
IIBUS ADC_RES
--
50
--
mA
IBUS Accuracy
IIBUS ADC_ACC
2
--
2
LSB
IBAT Measurement Range IIBAT ADC_Range
0
--
5
A
IBAT Resolution
IIBAT ADC_RES
--
50
--
mA
IBAT Accuracy
IIBAT ADC_ACC
ICHG[5:0] setting
 1000mA
2
--
2
LSB
TEMP_JC Measurement
Range
TTEMP_JC
ADC_Range
40
--
120
oC
TEMP_JC Resolution
TTEMP_JC ADC_RES
--
2
--
oC
TEMP_JC Accuracy
TTEMP_JC ADC_ACC Temperature < 85 oC
2
--
2
LSB
VBATS Measurement
Range
VVBATS_ADC_Range
0
--
4.9
V
VBATS Resolution
VVBATS_ADC_RES
--
5
--
mV
VBATS Accuracy
VVBATS_ADC_ACC
2
--
2
LSB
TS_BUS Measurement
Range
RateTS_BUS
0
--
100
%
TS_BUS Resolution
RateTS_BUS_RES
--
0.25
--
%
TS_BUS Accuracy
RateTS_BUS_ACC
2
--
2
LSB
IBATS Measurement
Range
IIBAT ADC_Range
0
--
5
A
IBATS Resolution
IIBAT ADC_RES
--
50
--
mA
IBATS Accuracy
IIBAT ADC_ACC
2
--
2
LSB
External N-MOSFET Selection Specification
On-Resistance for DS Path RDS(ON)
VGS = 4.5V
--
7
--
m
Drain-to-Source Voltage
(AMR)
VDS
--
--
24
V
Gate-to-Source Voltage
(AMR)
VGS
12
--
12
V
Continuous Drain Current
ID
VGS = 4.5V
8
10
--
A



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com